Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112J-TXAR-R01 Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 112J-TXAR-R01
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 112J-TXAR-R01.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

112J-TXAR-R01 Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  112J-TXAR-R01 Datasheet HTML 1Page - ATTEND Technology Inc. 112J-TXAR-R01 Datasheet HTML 2Page - ATTEND Technology Inc. 112J-TXAR-R01 Datasheet HTML 3Page - ATTEND Technology Inc. 112J-TXAR-R01 Datasheet HTML 4Page - ATTEND Technology Inc. 112J-TXAR-R01 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
112J-TXAR-R01
FILE:
112J-TXAR-R01_spec
DATE:
2013/10/31
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
Vibration
Finish
1. No electrical
discontinuity more
than 0.1μs.
2 .No Damage
3. Contact
Resistance:
80mΩ (Max)
Mate dummy card and subject to the
following vibration conditions, for a period of
30 minutes in each of 3 mutually
perpendicular axis, passing DC 1 mA during
the test. Amplitude: 1.52 mm P-P or 19.6
m/s2 Frequency: 10-55-10Hz Shall be
traversed in 1minute.
(MIL-STD-202 METHOD 201)
Shock
Finish
1. No electrical
discontinuity more
than 0.1μs.
2 .No Damage
3. Contact
Resistance:
80mΩ (Max)
Solder connectors on PCB and mate them
together, subject to he following shock
conditions, 3 shocks shall be period along 3
mutually perpendicular axis, passing DC 1mA
current during the test.
1 axis, plus-minus direction, core
3times.(total:18times) 490m/s2
(MIL-STD-202 METHOD 213)
Card Insertion / Eject
Force
9.8N(Max)
Push the card at the speed rate 25 ± 3
mm/minute.
Card Release Force
2N+/-1N
From the state of the card lock, Pull the card
at the speed rate 25 ± 3 mm/minute.
Push in strength
No Damage
The card inserted in positive and the opposite
direction and the load of 19.6N is added
ENVIRONMENTAL
Item
Requirement
Test Condition
Humidity
Finish
1. Contact
Resistance:
80mΩ (Max)
2. Insulation
Resistance:
100MΩ (Min)
Humidity storage at +40ºC with 90~95% RH
for 96 hours. Upon completion of the
exposure period,
the test specimens shall be conditions for 1 of
2 hrs, then 10 mating cycles while.
(EIA364-31)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com