Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115G Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115G
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115G-AAAA-R
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115G Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115G Datasheet HTML 1Page - ATTEND Technology Inc. 115G Datasheet HTML 2Page - ATTEND Technology Inc. 115G Datasheet HTML 3Page - ATTEND Technology Inc. 115G Datasheet HTML 4Page - ATTEND Technology Inc. 115G Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
ELECTRICAL
Item
Requirement
Test Condition
Low Level Contact
Resistance
1).Initial:50 mΩ Max.
2).After Test:50 mΩ Max.
Subject mated contacts assembled in
housing to 20mA maximum open
circuit at 100mA.
The object of this test is to detail a
standard method to measure the
electrical resistance across a pair of
mated contacts such that the
insulating films, if present will not be
broken or asperity melting will not
occur
(EIA-364-23 or MIL-STD-1344A,
Method 3002.1, Test Condition B)
Insulation Resistance
Insulation Resistance: 1000 MΩ Min.
Apply a 500V DC between adjacent
terminals and between terminals to
ground.
(EIA-364-21 or MIL-STD-202F,
Method 302, Test Condition B)
Dielectric Withstanding
Voltage
500V AC for one minute at sea level
No flashover or insulation breakdown
Apply a voltage 500/530V AC for 1
minute between adjacent terminals
and between terminals to ground.
(EIA-364-20 or MIL-STD-202F,
Method 301, Test Condition B)
MECHANICAL
Item
Requirement
Test Condition
Connector Mating Force
0.3±0.15Kgf
Shall be measured with TENSION
GAUGE or TENSION TESTER.
Measure force necessary to mate
assemblies at maximum rate of
25mm per minute.
The object of this test is to detail a
standard method for determining the
mechanical forces required for
inserting a sim card connector.
(EIA-364-13)
Connector Unmating
Force
0.3±0.15Kgf
Shall be measured with TENSION
GAUGE or TENSION TESTER.
Measure force necessary to mate
assemblies at maximum rate of
25mm per minute.
The object of this test is to detail a
standard method for determining the
mechanical forces required for
inserting a sim card connector.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com