Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115R Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 115R
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115R-BCA0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115R Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  115R Datasheet HTML 1Page - ATTEND Technology Inc. 115R Datasheet HTML 2Page - ATTEND Technology Inc. 115R Datasheet HTML 3Page - ATTEND Technology Inc. 115R Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
SOLDER ABILITY
Item
Requirement
Test Condition
Solder-ability
The inspected area of
each lead must have 95%
solder coverage min.
JESD22-B102D,Condition C
Steam aging Preconditioning: 93+3/-5°C, 8 hours
±
15 minute
For SMT:
Solder temperature:245± 5°C.
Solder immersion time:5±0.5s
Soldering heat
withstanding
Inspect dimension during
the test, no physical
damage
Reflow soldering (Infrared):
Refer soldering method
Recommended Infrared Reflow Condition:
Fig.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com