Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115S Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115S
Description  Nano SIM Card Socket, Bar Push, 8u" Gold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115S Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115S Datasheet HTML 1Page - ATTEND Technology Inc. 115S Datasheet HTML 2Page - ATTEND Technology Inc. 115S Datasheet HTML 3Page - ATTEND Technology Inc. 115S Datasheet HTML 4Page - ATTEND Technology Inc. 115S Datasheet HTML 5Page - ATTEND Technology Inc. 115S Datasheet HTML 6Page - ATTEND Technology Inc. 115S Datasheet HTML 7Page - ATTEND Technology Inc. 115S Datasheet HTML 8Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
ELECTRICAL
Item
Requirement
Test Condition
Low Level Contact
Resistance
(Contact & Switch)
Contact resistance:
50mΩ max. △CR < 30m Ω
after test. Switch resistance:
200mΩ max
Comply with EIA-364-23.
Apply a closed-circuit current of 100 mA
maximum at an open-circuit voltage of
20mV maximum on contact point and solder
pad of PCB.
Insulation Resistance
(Initial) 1000 MΩ minimum.
(Final) 500 MΩ minimum
Comply with EIA-364-21.
Apply 200 VDC ±10VDC on the adjacent
contacts for 1 minute ±5 seconds
Dielectric Withstanding
Voltage
No shorting, breakdown,
flashover or other damage.
Comply with EIA-364-20.Apply
500 VAC for one minute at sea level on
unmated connectors, less than 1 mA
leakage current.
MECHANICAL
Item
Requirement
Test Condition
Tray Insertion Force
20N Max. (25mm/minute)
MIL-STD-1344, Method 2013.1
Applicable Nano SIM Card
Tray Extraction Force
4N min. after 200 cycles (with
hands)
3N min. after 4400 cycles
(with hands)
No evidence of damage
The electrical performances
should meet the spec.
specified.(25mm/minute).
MIL-STD-1344, Method 2013.1
Applicable Nano SIM Card
Contact Normal Force
40gf Min./per Pin
0.10mm Gap to housing surface
(work position) Speed of 25±3mm/minute
Durability
(Mating/ Un-mating)
4N min after 200cycles
(with hands)
3N min after 4400cycles
(with hands)
No evidence of damage
The electrical performances
should meet the spec.
specified
1. Push tray with card in connector and let
the tray out with pushing Lever (with
hands) for 4400 cycles
2. Mating and un-mating connector
(
with machine) for 200 cycles.
3. Applicable Nano SIM Card (5 pcs by
maximum thickness size card (0.7mm) ) (5
pcs by minimum thickness size
card(0.6mm)) for test.
4. Check point: after 200 cycles



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com