Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

119A-56A00-R02 Datasheet(PDF) 4 Page - ATTEND Technology Inc.

Part # 119A-56A00-R02
Description  Mini PCI Express Socket, GF, Reel, H=4.0mm, (w/Logo)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

119A-56A00-R02 Datasheet(HTML) 4 Page - ATTEND Technology Inc.

  119A-56A00-R02 Datasheet HTML 1Page - ATTEND Technology Inc. 119A-56A00-R02 Datasheet HTML 2Page - ATTEND Technology Inc. 119A-56A00-R02 Datasheet HTML 3Page - ATTEND Technology Inc. 119A-56A00-R02 Datasheet HTML 4Page - ATTEND Technology Inc. 119A-56A00-R02 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-4 -
SOLDER ABILITY
Solderability
95% of immersed area must
show no voids , pin holes
Dip solder tails into the molten
solder(held at 230±5 °C) up to
0.5mm from the tip of tails for 3±0.5
seconds.
(MIL-STD-202 METHOD 208)
Resistance to soldering heat No melting, cracks or functional
damage allowed
All connectors designed for PCB
soldering within this specification must
be able to withstand the heat from
solder oven according to the graph
below. The cycle should be repeated
twice.
(MIL-STD-202 METHOD 210)
Preheating temperature: 150 ~ 200°C, 60~120 seconds
Liquidus temperature (TL): 217°C, 60~150 seconds
Peak temperature: 260°C
Time within 5 °C of peak temperature (Tc): 255°C, 30seconds



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com