Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # DDR
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

DDR Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  DDR Datasheet HTML 1Page - ATTEND Technology Inc. DDR Datasheet HTML 2Page - ATTEND Technology Inc. DDR Datasheet HTML 3Page - ATTEND Technology Inc. DDR Datasheet HTML 4Page - ATTEND Technology Inc. DDR Datasheet HTML 5Page - ATTEND Technology Inc. DDR Datasheet HTML 6Page - ATTEND Technology Inc. DDR Datasheet HTML 7Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
DDR Series
FILE:
DDR Series_spec
DATE:
2013/01/04
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
Initial: 60 mΩ Max.
Final: 80 mΩ Max.
Solder connectors on PCB and mate them
together, measure by applying closed
circuit current of 10mA maximum at open
circuit voltage of 20mV maximum.
Insulation Resistance Initial: 500MΩ Min.
Final: 100MΩ Min.
Mate connectors, apply 100V DC (rms.)
between two adjacent contacts for one
minutes.[MIL STD. 202F, Method 302]
Dielectric
Withstanding Voltage
125VAC for1 minutes.
Leak current:
0.5 [mA] Max.
Mate connectors, apply 125V AC (rms.)
between two adjacent contacts for one
minutes.[MIL STD. 202F, Method 301]
MECHANICAL
Item
Requirement
Test Condition
Durability
No Damage
Solder connectors on PCB, then repeat
mating and unmating 25 cycles along the
mating axis.
Contact Retention
Force
1 N/pos. Min
Place a connector on the push-pull
machine, then apply a force on a contact
head and push the contact to the opposite
direction of the contact insertion at the
speed of 25±3mm/min. Measure the force
when the contact dislodges from insulator.
Latch Spring
Retention Force
8 N/Pos. Min
Place a connector on the push-pull
machine, then apply a force on a contact
head and push the latch spring to the
opposite direction of the latch spring
insertion at the speed of 25±3mm/min.
Measure the force when the latch spring
dislodges from insulator.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com