Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201 Datasheet(PDF) 2 Page - Morse Mfg. Co., Inc.

Part # 201
Description  Wheeled Portable Drum Rollers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

201 Datasheet(HTML) 2 Page - Morse Mfg. Co., Inc.

  201 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 6Page - Morse Mfg. Co., Inc. 201 Datasheet HTML 7Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The Specialist In Drum Handling Equipment
201 Series
Wheeled Portable Drum Rollers
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet F201
(Updated 20 Jun, 2023)
2
1
4
5
6
7
9
11
2
10
8
3
Steps To Use Portable Drum Roller
A. Extend tipping lever (1) and tilt drum roller to
upright
B. Activate kickstand (9) by pulling with foot
toward you until locked so drum roller stands by
itself
C. Load drum onto base plate (10) with drum
truck (model # 160 shown) or below-hook drum
lifter
A & B
C
. . .continued on page 3
Construction and Design Features
Bottom shows working parts and their accessibility
1.
Built-in tipping lever extends to
assist in loading drum
2.
Chine hook
3.
Variable speed control
4.
Two 3” (7.6 cm) swivel casters
for mobility.
5.
Bearings support two jack
shafts.
6.
Standard motor is 1/2 HP,
60Hz, 115V, 1800 RPM, single
phase, ball-bearing, totally
enclosed type with manual
reset overload protection,
switch, cord and plug. Air
motors and other electric
motor voltages and types are
available without protection,
switch, cord or plug.
7.
Two 3” (7.6 cm) polyolefin
wheels
8.
Single-phase AC models have
8” (20.3 cm) long cord and
3-prong plug
9.
Kick stand supports unit when
standing on end
10. Base plate
11. Kick stand release handle
Custom Stainless Steel Portable
Drum Rollers
Custom versions made of type 304 stainless
steel are valuable for use in clean environments
such as food and pharmaceutical companies.
Belted Drum Rollers
Only for FIBER Drum
Belted portable drum rollers are designed to roll
a fiber drum, and can also be used for a steel
drum. They have broad belts, instead of the
wheels, to support your drum.
Capacity of Belted Models: 300 Lb. (136 kg)
Model # 201VS-1 shown



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com