Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400SS Datasheet(PDF) 2 Page - Morse Mfg. Co., Inc.

Part # 400SS
Description  Stainless Steel Hydra-Lift Karriers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

400SS Datasheet(HTML) 2 Page - Morse Mfg. Co., Inc.

  400SS Datasheet HTML 1Page - Morse Mfg. Co., Inc. 400SS Datasheet HTML 2Page - Morse Mfg. Co., Inc. 400SS Datasheet HTML 3Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Specialist In Drum Handling Equipment
Stainless Steel
Hydra-Lift Karriers
morsedrum.com
Copyright 2023 - Morse Mfg. Co., Inc.
Spec Sheet 400SS
(Updated 11 Aug, 2023)
2
MADE
IN
USA
Accessories
Power-Lift, Manual Tilt Models
Ease drum lifting, but retain manual tilt control. Models with 72” and 96" (1.8 and 2.4 m) lift
heights have pull chain and chain wheel tilt control.
Power
Suffix
Motor Type
Motor Control
Ship Weight
Adder
-120
AC, 1HP/115V, TEFC
Switch, Cord, Plug
40 Lb. (18 kg)
-124
Air, Vane Type
On/Off Valve
25 Lb. (11 kg)
-125
DC, 12V
Built-in
85 Lb. (39 kg)
Electric Power Lift
Use switch to raise the drum.
Lower the drum with manual
release valve.
Air Motor Power Lift
Use on/off valve to raise the
drum. Lower the drum with
manual release valve. Air motor
Requirements: 40 to 60 PSI at
40 SCFM.
Battery Power Lift
Self contained battery power-
lift. Operate battery power
controls to raise and lower drum
Charger is included.
Power-Lift and Tilt Models
Make drum handling easier and faster. There are two hand valve controls: One for the
power-lift function and a second for power-tilt.
The
MORCINCHTM Drum Holder is designed to handle a 55-gallon
(210 liter) steel drum. It automatically adjusts from 22” to 23.5”
(56 to 59.7 cm) in diameter. The cinch chain with pawl and ratchet
mechanism is used to secure the drum in the holder.
To handle other drums, order one of the
following:
Kit # 4556SS-P Stainless Steel
Bracket Assembly provides a brace
at top and bottom of drum to prevent
it from slipping lengthways. The
Bracket Assembly is required to
handle a RIMLESS plastic drum, and
recommended to more securely handle
a fiber drum. It adjusts for 31” to 39” (79
to 99 cm) tall drum.
Kit # 4560BSS-P Stainless Steel
Top Rim Clamp grips the upper
rim of your drum to prevent it from
slipping through the drum holder.
Use to handle a 55-gallon (210 liter)
rimmed plastic or fiber drum. To
handle a 55-gallon plastic drum with
top rim, you must install either the
Bracket Assembly or the Top Rim
Clamp.
Insert correct size
Diameter
Adapter for each smaller drum.
These adapters simply fit inside the
MORCINCHTM drum holder. They
install easily without tools and are
quickly removed.
Adapters for 17.5” (44.5 cm) diameter
or smaller have integrated brackets
at top and bottom of the drum. The
brackets adjust for a drum up to 38”
(96.5 cm) tall.
DIAMETER ADAPTERS
STAINLESS STEEL
DIAMETER Adapter
FITS
DIAMETER
DOMESTIC
SHIP
WEIGHT
55/30SS-20.5
20” to 20.5” (50.8 to 52.1 cm)
20 Lb. (9.1 kg)
55/30SS-19
18.5” to 19” (47 to 48.3 cm)
24 Lb. (10.9 kg)
55/30SS-17.5
17” to 17.5” (43.2 to 44.5 cm)
35 Lb. (18.9 kg)
55/30SS-16
15.5” to 16” (39.4 to 40.6 cm)
35 Lb. (18.9 kg)
55/30SS-14.5
14” to 14.5” (35.6 to 36.8 cm)
36 Lb. (16.3 kg)
Electric Power Lift & Tilt
Hold momentary switch and
lift valve to raise drum. Use
second valve to control the
hydraulically driven drum tilt.
Lower the drum with manual
release valve.
Air Power Lift and Tilt
Hold on/off valve and lift valve
to raise the drum. Use a
second valve to control the
hydraulically driven drum tilt.
Lower the drum with manual
release valve. Air motor
Requirements: 40 to 60 PSI at
40 SCFM.
Battery Power Lift and Tilt
Self contained battery power-
lift. Hold momentary switch and
lift valve to raise drum. Use
second valve to control the
hydraulically driven drum tilt.
Lower the drum with manual
release valve. Charger is
included.
Power
Suffix
Motor Type
Motor Control
Ship Weight
Adder
-110
AC, 1HP/115V, TEFC
Switch, Cord, Plug
75 Lb. (34 kg)
-114
Air, Vane Type
On/Off Valve
95 Lb. (43 kg)
-115
DC, 12V
Built-in
120 Lb. (54 kg)
Web Strap with Ratchet
Option # 5115SSi-P
Web Strap and Stainless Steel Ratchet
Diameter Adapter
Model 55/30SS-16
NOTE: 12V Deep Cycle Lead Acid Battery is designed for domestic shipment only. For export shipment,
choose the following battery option:
•
Option “NB” No Battery. Customer must obtain battery before use... Exide # 27MDP 12V Deep
Cycle Battery or equivalent.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com