Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9269CE Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9269CE
Description  Tiny Package, High Efficiency, Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9269CE Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9269CE Datasheet HTML 1Page - Richtek Technology Corporation RT9269CE Datasheet HTML 2Page - Richtek Technology Corporation RT9269CE Datasheet HTML 3Page - Richtek Technology Corporation RT9269CE Datasheet HTML 4Page - Richtek Technology Corporation RT9269CE Datasheet HTML 5Page - Richtek Technology Corporation RT9269CE Datasheet HTML 6Page - Richtek Technology Corporation RT9269CE Datasheet HTML 7Page - Richtek Technology Corporation RT9269CE Datasheet HTML 8Page - Richtek Technology Corporation RT9269CE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9269
Preliminary
www.richtek.com
DS9269-01 March 2003
2
Typical Application Circuit
Fig. 1 RT9269 drives single or parallel LED’s in charge pump configuration
Fig. 2 RT9269 drives 2 series connected LED’s in charge pump configuration
Fig. 3 RT9269 drives 2~4 series connected LED’s in boost rectifier configuration
Note: NICHIA NSCW100 is used for RT9269 LED parts.
VDD
EXT
FB
CE
GND
RT9269
C3
1
µ F
R1
15
Ω
C2
1
µ F
0.25V
C1
1
µ F
VIN
To VDD
or
Duty Control
Brightness
R2
15
Ω
VDD
EXT
FB
CE
GND
RT9269
C3
1
µ F
R1
15
Ω
C2
1
µ F
0.25V
C1
1
µ F
VIN
To VDD
or
Duty Control
Brightness
R2
15
Ω
VDD
EXT
FB
CE
GND
RT9269
C3
1
µ F
R1
15
Ω
C2
1
µ F
0.25V
C1
1
µ F
VIN
To VDD
or
Duty Control
Brightness
D1
D2
VDD
EXT
FB
CE
GND
RT9269
C3
1
µ F
R1
15
Ω
C2
1
µ F
0.25V
C1
1
µ F
VIN
To VDD
or
Duty Control
Brightness
D1
D2
VDD
LX
FB
CE
GND
RT9269
C3
10
µ F
R2
15
Ω
Q1
0.25V
C2
1
µ F
VIN
To VDD
or
Duty Control
Brightness
C1
10
µ F
L1
10
µ H ~ 100µ H
R1
1K
VDD
LX
FB
CE
GND
RT9269
C3
10
µ F
R2
15
Ω
Q1
0.25V
C2
1
µ F
VIN
To VDD
or
Duty Control
Brightness
C1
10
µ F
L1
10
µ H ~ 100µ H
R1
1K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com