Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD4V0Z2BCDFZ Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PESD4V0Z2BCDFZ
Description  Extremely low clamping low capacitance ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4V0Z2BCDFZ Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PESD4V0Z2BCDFZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4V0Z2BCDFZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Nexperia
PESD4V0Z2BCDF
Extremely low clamping low capacitance ESD protection
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRWM
reverse standoff voltage
-4
4
V
IPPM
rated peak pulse current tp = 8/20 µs
[1]
-11
11
A
Tamb
ambient temperature
-40
125
°C
Tstg
storage temperature
-65
150
°C
ESD maximum ratings
IEC 61000-4-2; contact discharge
[2]
-25
25
kV
VESD
electrostatic discharge
voltage
IEC 61000-4-2; air discharge
[2]
-25
25
kV
[1] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
[2] Device stressed with ten non-repetitive ESD pulses.
t (µs)
0
40
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e-t
100 % IPP; 8 µs
50 % IPP; 20 µs
Fig. 1. 8/20 µs pulse waveform according to
IEC 61000-4-5
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.6 ns to 1 ns
Fig. 2. ESD pulse waveform according to
IEC 61000-4-2
PESD4V0Z2BCDF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
17 August 2020
3 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com