Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036B Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS5036B
Description  Six Channel Digital Audio PWM Precessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036B Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5036B Datasheet HTML 14Page - Texas Instruments TAS5036B Datasheet HTML 15Page - Texas Instruments TAS5036B Datasheet HTML 16Page - Texas Instruments TAS5036B Datasheet HTML 17Page - Texas Instruments TAS5036B Datasheet HTML 18Page - Texas Instruments TAS5036B Datasheet HTML 19Page - Texas Instruments TAS5036B Datasheet HTML 20Page - Texas Instruments TAS5036B Datasheet HTML 21Page - Texas Instruments TAS5036B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Architecture Overview
12
SLES073—February 2003
TAS5036B
2-Channel I2S Stereo Input/Output (24-Bit Transfer Word Size)
23
22
SCLK
24 Clks
LRCLK
Left Channel
24-Bit Mode
20
19
8
7
2
1
19
18
20-Bit Mode
16
15
1
0
16-Bit Mode
1
0
15
14
MSB
LSB
4
3
5
21
4
5
17
13
12
11
23
22
SCLK
24 Clks
Right Channel
20
19
8
7
2
1
19
18
16
15
1
0
1
0
15
14
MSB
LSB
4
3
5
21
4
5
17
13
12
11
0
Figure 2–4. I2S 48-Fs Format
2.1.7.2
Left-Justified Timing
Left-justified (LJ) timing uses an LRCLK to define when the data being transmitted is for the left channel and
the right channel. The LRCLK is high for the left channel and low for the right channel. A bit clock running at
48 or 64 times Fs is used to clock in the data. The first bit of data appears on the data lines at the same time
the LRCLK toggles. The data is written MSB first and is valid on the rising edge of the bit clock. The TAS5036B
masks unused trailing data bit positions. Master mode only supports a 64 times Fs bit clock.
23
22
SCLK
32 Clks
LRCLK
Left Channel
24-Bit Mode
9
8
5
4
1
0
MSB
LSB
2-Channel Left-Justified Stereo Input
23
22
32 Clks
LRCLK
Right Channel
9
8
5
4
1
0
MSB
LSB
NOTE: All data presented in 2s complement form with MSB first.
Figure 2–5. Left-Justified 64-Fs Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com