Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM809 Datasheet(PDF) 3 Page - Microchip Technology

Part # TCM809
Description  3-Pin Microcontroller Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM809 Datasheet(HTML) 3 Page - Microchip Technology

  TCM809 Datasheet HTML 1Page - Microchip Technology TCM809 Datasheet HTML 2Page - Microchip Technology TCM809 Datasheet HTML 3Page - Microchip Technology TCM809 Datasheet HTML 4Page - Microchip Technology TCM809 Datasheet HTML 5Page - Microchip Technology TCM809 Datasheet HTML 6Page - Microchip Technology TCM809 Datasheet HTML 7Page - Microchip Technology TCM809 Datasheet HTML 8Page - Microchip Technology TCM809 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2004 Microchip Technology Inc.
DS21661C-page 3
TCM809/TCM810
RESET Output Voltage
Low (TCM809)
VOL
——
0.3
V
TCM809R/S/T/Z:
VDD = VTH min, ISINK = 1.2 mA
——
0.4
TCM809L/M/J:
VDD = VTH min, ISINK = 3.2 mA
——
0.3
VDD > 1.0V, ISINK = 50 µA
RESET Output Voltage
High (TCM809)
VOH
0.8 VDD
——
V
TCM809R/S/T/Z: VDD > VTH max, ISOURCE = 500 µA
VDD – 1.5
—
—
TCM809L/M/J: VDD > VTH max, ISOURCE = 800 µA
RESET Output Voltage
Low (TCM810)
VOL
——
0.3
V
TCM810R/S/T/Z:VDD = VTH max, ISINK = 1.2 mA
——
0.4
TCM810L/M:
VDD = VTH max, ISINK = 3.2 mA
RESET Output Voltage
High (TCM810)
VOH
0.8 VDD
——
V
1.8 < VDD < VTH min, ISOURCE = 150 µA
ELECTRICAL CHARACTERISTICS (CONTINUED)
VDD = Full Range, TA = Operating Temperature Range, unless otherwise noted. Typical values are at TA = +25°C,
VDD = 5V for L/M/J, 3.3V for T/S, 3.0V for R and 2.5V for Z (Note 1).
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
Note
1:
Production testing done at T
A = +25°C, overtemperature limits ensured by QC screen.
2: RESET output for TCM809, RESET output for TCM810.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com