Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3777 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD3777
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD3777 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD3777 Datasheet HTML 9Page - Renesas Technology Corp UPD3777 Datasheet HTML 10Page - Renesas Technology Corp UPD3777 Datasheet HTML 11Page - Renesas Technology Corp UPD3777 Datasheet HTML 12Page - Renesas Technology Corp UPD3777 Datasheet HTML 13Page - Renesas Technology Corp UPD3777 Datasheet HTML 14Page - Renesas Technology Corp UPD3777 Datasheet HTML 15Page - Renesas Technology Corp UPD3777 Datasheet HTML 16Page - Renesas Technology Corp UPD3777 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet S14583EJ1V0DS00
11
µµµµ PD3777
5. Dark signal non-uniformity : DSNU
Absolute maximum of the difference between ADS and voltage of the highest or lowest output pixel of all the valid
pixels at light shielding. This is calculated by the following formula.
dj : Dark signal of valid pixel number j
DSNU (mV) : maximum of
dj − ADS j = 1 to 5400
ADS
DSNU
Register Dark
DC level
VOUT
6. Output impedance : ZO
Impedance of the output pins viewed from outside.
7. Response : R
Output voltage divided by exposure (lx•s).
Note that the response varies with a light source (spectral characteristic).
8. Image lag : IL
The rate between the last output voltage and the next one after read out the data of a line.
VOUT
TG
Light
VOUT
ON
OFF
V1
φ
IL (%) =
V1
VOUT
× 100
9. Register imbalance : RI
The rate of the difference between the averages of the output voltage of Odd and Even pixels, against the average
output voltage of all the valid pixels.
RI (%) =
2
n
j = 1
n
2
(V2j – 1 – V2j)
1
n
j = 1
n
Vj
× 100
∑
∑
n
Vj : Output voltage of each pixel
: Number of valid pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com