Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3799 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD3799
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD3799 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD3799 Datasheet HTML 9Page - Renesas Technology Corp UPD3799 Datasheet HTML 10Page - Renesas Technology Corp UPD3799 Datasheet HTML 11Page - Renesas Technology Corp UPD3799 Datasheet HTML 12Page - Renesas Technology Corp UPD3799 Datasheet HTML 13Page - Renesas Technology Corp UPD3799 Datasheet HTML 14Page - Renesas Technology Corp UPD3799 Datasheet HTML 15Page - Renesas Technology Corp UPD3799 Datasheet HTML 16Page - Renesas Technology Corp UPD3799 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
µPD3799
11
Data Sheet S14083EJ2V0DS
dj : Dark signal of valid pixel number j
DSNU (mV) : maximum of
dj − ADS j = 1 to 5300
PRNU (%) =
x =
xj : Output voltage of valid pixel number j
∆x
∆x : maximum of xj − x 
x
5300
Σ
j=1
5300
xj
× 100
ADS (mV) =
dj : Dark signal of valid pixel number j
5300
Σ
j=1
5300
dj
DEFINITIONS OF CHARACTERISTIC ITEMS
1.
Saturation voltage: Vsat
Output signal voltage at which the response linearity is lost.
2.
Saturation exposure: SE
Product of intensity of illumination (IX) and storage time (s) when saturation of output voltage occurs.
3.
Photo response non-uniformity: PRNU
The output signal non-uniformity of all the valid pixels when the photosensitive surface is applied with the light
of uniform illumination. This is calculated by the following formula.
4.
Average dark signal: ADS
Average output signal voltage of all the valid pixels at light shielding. This is calculated by the following formula.
5.
Dark signal non-uniformity: DSNU
Absolute maximum of the difference between ADS and voltage of the highest or lowest output pixel of all the valid
pixels at light shielding. This is calculated by the following formula.
x
Register Dark
DC level
VOUT
∆x
ADS
DSNU
Register Dark
DC level
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com