Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4702C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD4702C
Description  MOS INTEGRATED CIRCUIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD4702C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD4702C Datasheet HTML 9Page - Renesas Technology Corp UPD4702C Datasheet HTML 10Page - Renesas Technology Corp UPD4702C Datasheet HTML 11Page - Renesas Technology Corp UPD4702C Datasheet HTML 12Page - Renesas Technology Corp UPD4702C Datasheet HTML 13Page - Renesas Technology Corp UPD4702C Datasheet HTML 14Page - Renesas Technology Corp UPD4702C Datasheet HTML 15Page - Renesas Technology Corp UPD4702C Datasheet HTML 16Page - Renesas Technology Corp UPD4702C Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
11
µPD4702
Data Sheet S14940EJ3V0DS
110
11
20
S
−3°
ITEM
MILLIMETERS
A
B
C
E
F
G
H
J
12.7
±0.3
1.27 (T.P.)
1.8 MAX.
1.55
±0.05
7.7
±0.3
0.78 MAX.
0.12
1.1
M
0.1
±0.1
N
P20GM-50-300B, C-7
P3
°+7°
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
D
0.42+0.08
−0.07
K
0.22+0.08
−0.07
L
0.6
±0.2
0.10
detail of lead end
I
5.6
±0.2
M
P
G
C
B
D
E
F
N
20-PIN PLASTIC SOP (7.62 mm (300))
S
M
H
K
L
J
I
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com