Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4721 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD4721
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD4721 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD4721 Datasheet HTML 4Page - Renesas Technology Corp UPD4721 Datasheet HTML 5Page - Renesas Technology Corp UPD4721 Datasheet HTML 6Page - Renesas Technology Corp UPD4721 Datasheet HTML 7Page - Renesas Technology Corp UPD4721 Datasheet HTML 8Page - Renesas Technology Corp UPD4721 Datasheet HTML 9Page - Renesas Technology Corp UPD4721 Datasheet HTML 10Page - Renesas Technology Corp UPD4721 Datasheet HTML 11Page - Renesas Technology Corp UPD4721 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
6
µPD4721
ELECTRICAL SPECIFICATIONS (DRIVER)
(Unless otherwise specified, TA = –40 to +85
°C, C1 to C5 = 1
µF)
3 V mode (unless otherwise specified, VCHA = H, VCC = 3.0 to 3.6 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-Level Input Voltage
VIL
0.8
V
High-Level Input Voltage
VIH
2.0
V
Low-Level Input Current
IIL
VCC = +3.6 V, VI = 0 V
–25
µA
High-Level Input Current
IIH
VCC = +3.6 V, VI = 3.6 V
1.0
µA
VCC = +3.3 V, RL =
∞, TA = 25 °C
±9.5
V
Output Voltage
VDO
VCC = +3.3 V, RL = 3 k
Ω, TA = Topt
±5.0
±6.0
V
VCC = +3.0 V, RL = 3 k
Ω, TA = +25 °C
±5.0
V
Output Short-Circuit Current
ISC
VCC = +3.3 V, for GND
±40
mA
CL = 10 pF, RL = 3 to 7 k
Ω
3.0
30
V/
µs
CL = 2 500 pF, RL = 3 to 7 k
Ω
3.0
30
V/
µs
tPHL
tPLH
VCC = VDD = VSS = 0 V
VOUT =
±2 V
Standby Output Transfer Time
tDAZ
RL = 3 k
Ω, CL = 2 500 pF, Note 10
410
µs
Standby Output Transfer Time
tDZA
RL = 3 k
Ω, CL = 2 500 pF, Note 10
13
ms
Power-On Output Transfer Time
tPRA
RL = 3 k
Ω, CL = 2 500 pF, Note 11
13
ms
* The TYP. values are for reference at TA = 25
°C.
Slew-Rate Note 9
SR
Propagation Delay Time Note 9
RL = 3 k
Ω, CL = 2 500 pF
2.5
µs
Output Resistor
RO
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com