Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4726GS-BAF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD4726GS-BAF
Description  MOS INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD4726GS-BAF Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD4726GS-BAF Datasheet HTML 1Page - Renesas Technology Corp UPD4726GS-BAF Datasheet HTML 2Page - Renesas Technology Corp UPD4726GS-BAF Datasheet HTML 3Page - Renesas Technology Corp UPD4726GS-BAF Datasheet HTML 4Page - Renesas Technology Corp UPD4726GS-BAF Datasheet HTML 5Page - Renesas Technology Corp UPD4726GS-BAF Datasheet HTML 6Page - Renesas Technology Corp UPD4726GS-BAF Datasheet HTML 7Page - Renesas Technology Corp UPD4726GS-BAF Datasheet HTML 8Page - Renesas Technology Corp UPD4726GS-BAF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
µPD4726
2
BLOCK DIAGRAM/PIN CONFIGURATION (Top View)
Notes 1. VDD and VSS output internally boosted voltages. Do not connect a load directly to these pins.
2. It is recommended that capacitors having a breakdown voltage of 20 V or higher be used as C1 through
C5. Inserting a bypass capacitor of 0.1 to 1
µF in between VCC and GND is also recommended.
3. Be sure to connect all the GND pins. Especially, make sure that pin 31 is connected; otherwise, the
µPD4726 will not operate normally. Be sure to leave the NC pins (pins 5 and 7) open.
4. The pull-up resistors for DIN1 through DIN4 and STBY and the pull-down resistor for EN are active resistors.
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
STBY
GND
EN
DOUT1
DOUT2
DOUT3
DOUT4
RIN1
RIN2
RIN3
RIN4
RIN5
RIN6
RIN7
1
2
3
4
5
6
7
C3
C4
C1
+
+
C2
+
+
+10 V
−10 V
+5 V
8
9
10
11
12
13
14
15
16
17
18
DIN1
DIN2
DIN3
DIN4
ROUT1
ROUT2
ROUT3
ROUT4
ROUT5
ROUT6
ROUT7
To internal
circuit
VDD
C1
+
VCC
C1
-
N.C.
GND
N.C.
C4
+
GND
C4
-
VSS
To internal
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com