Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B37-R-05 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B37-R-05
Description  Isolated Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B37-R-05 Datasheet(HTML) 3 Page - Analog Devices

  5B37-R-05 Datasheet HTML 1Page - Analog Devices 5B37-R-05 Datasheet HTML 2Page - Analog Devices 5B37-R-05 Datasheet HTML 3Page - Analog Devices 5B37-R-05 Datasheet HTML 4Page - Analog Devices 5B37-R-05 Datasheet HTML 5Page - Analog Devices 5B37-R-05 Datasheet HTML 6Page - Analog Devices 5B37-R-05 Datasheet HTML 7Page - Analog Devices 5B37-R-05 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5B37
Rev. 0 | Page 3 of 8
5B37 Models Available
Model
Input Type
Input Range
Output Range
5B37-J-01
Type J
-100°C to +760°C (-148°F to +1400°F)
0 V to +5 V
5B37-K-02
Type K
-100°C to +1350°C (-148°F to +2462°F)
0 V to +5 V
5B37-T-03
Type T
-100°C to +400°C (-148°F to +752°F)
0 V to +5 V
5B37-E-04
Type E
0°C to +900°C (+32°F to +1652°F)
0 V to +5 V
5B37-R-05
Type R
0°C to +1750°C (+32°F to +3182°F)
0 V to +5 V
5B37-S-05
Type S
0°C to +1750°C (+32°F to +3182°F)
0 V to +5 V
5B37-B-06
Type B
0°C to +1800°C (+32°F to +3272°F)
0 V to +5 V
5B37-N-08
Type N
0°C to +1300°C (+32°F to +2372°F)
0 V to +5 V
5B37-Custom
Type J, K, T, E, R,
S, B, N, C
*
*
* Custom Input/Output ranges are available. Refer to configuration guide.
5B37 Specifications
(typical @ +25°C and Vs = +5 V dc)
Description
Model 5B37
Input Ranges
Standard Ranges
Refer to Model Table
Custom Ranges
±5 mV to ±500 mV
Output Range (RL > 50 kΩ)
4
-5 V to +5 V or 0 to +5 V
Accuracy2
Initial @ +25°C
±0.05% Span ±10 µV RTI ±0.05% of Vz1 +CJC Sensor Error
Nonlinearity
±0.02% Span
Input Offset vs. Temperature
±1 µV/°C
Output Offset vs. Temperature
±20 µV/°C
Gain vs. Temperature
±0.0025% of Reading/°C
Cold Junction Compensation
Initial Accuracy @ +25°C3
±0.25°C (±0.75°C, maximum)
Accuracy, +5°C to +45°C
±0.5°C (±0.0125°C/°C)
Input Bias Current
-25 nA
Input Resistance
Power On
5 M
Ω
Power Off
40 k
Ω
Overload
40 k
Ω
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
0.2 µV rms
Output, 100 kHz Bandwidth
200 µV rms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com