Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003A Datasheet(PDF) 7 Page - International Rectifier

Part # IP2003A
Description  Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003A Datasheet(HTML) 7 Page - International Rectifier

Back Button IP2003A Datasheet HTML 2Page - International Rectifier IP2003A Datasheet HTML 3Page - International Rectifier IP2003A Datasheet HTML 4Page - International Rectifier IP2003A Datasheet HTML 5Page - International Rectifier IP2003A Datasheet HTML 6Page - International Rectifier IP2003A Datasheet HTML 7Page - International Rectifier IP2003A Datasheet HTML 8Page - International Rectifier IP2003A Datasheet HTML 9Page - International Rectifier IP2003A Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.irf.com
7
iP2003A
One of the most critical elements of proper PCB layout with iP2003A is the placement of the external input
bypass capacitors and the routing of the connecting power tracks.
PCB Layout Guidelines
It is recommended that the designer uses the following guidelines:
1.
The diagram below suggests the addition of the input bypass capacitors either on the top side of
the PCB (capacitors C1-C6) or top and bottom side (C7, C8), if placement on the bottom side is
feasible. The amount of the input capacitors is based on the input ripple current handling
requirement of the iP2003A. To support 12A input RMS current, based on 12V input, 1.3V and
40A output and 1MHz, the iP2003A will require enough input ceramic capacitors to support the
input RMS AC current. These capacitors must be placed as close to the iPOWIR device as
possible.
2.
In the diagram below, observe the routing of the power tracks that connect the external bypass
capacitors.
3.
Provide a mid-layer solid ground plane with connections to the top through vias.
4.
Refer to IR application note AN-1029a to determine the size of the vias and the copper weight
and thickness when designing the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com