Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170204 Datasheet(PDF) 2 Page - Lapp.

Part # 2170204
Description  UNITRONIC® BUS LD 2x2x0,22 mm2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170204 Datasheet(HTML) 2 Page - Lapp.

  2170204 Datasheet HTML 1Page - Lapp. 2170204 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170204
DATA SHEET
valid from:
01.03.2021
2x2x0,22 mm²
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170204EN
Version:
06
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Mechanical and thermal properties
Minimum bending radius
flexing:
20 x outer diameter
fixed installation:
8 x outer diameter
Temperature range
flexing:
-5 °C up to +70 °C
fixed installation:
-30 °C up to +80 °C
Flammability
flame retardant acc. to. IEC 60332-1-2 resp. EN 60332-1-2
General requirements
This cable is conform to EU-Directive 2014/35/EU (Low Voltage Directive) and to EU-Directive
2011/65/EU (RoHS, Restriction of the use of certain hazardous substances).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU (RoHS).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com