Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170208 Datasheet(PDF) 2 Page - Lapp.

Part # 2170208
Description  UNITRONIC® BUS 1BS P COMBI 3x2x0,22 mm2 3x1,0 mm2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170208 Datasheet(HTML) 2 Page - Lapp.

  2170208 Datasheet HTML 1Page - Lapp. 2170208 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2170208
DATA SHEET
valid from:
15.07.2020
3x2x0,22 mm² + 3x1,0 mm²
Creator:
KIOS / PDC
Released:
ALTE / PDC
Document: DB2170208EN
Version:
05
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Electrical properties at 20°C
Conductor resistance
power cores:
max. 19.5 Ω/km
data cores:
max. 87.6 Ω/km
Insulation resistance
power cores:
min. 5 GΩ x km
Mutual capacitance
800 Hz: max. 60 nF/km
Characteristic impedance
64 kHz: 110 Ω (±20 Ω)
>1 MHz: 95 Ω (±15 Ω)
Attenuation
256 kHz: max. 1.0 dB/100m
772 kHz: max. 2.5 dB/100m
1 MHz: max. 2.8 dB/100m
4 MHz: max. 6.9 dB/100m
10 MHz: max. 12.0 dB/100m
16 MHz: max. 15.5 dB/100m
20 MHz: max. 17.2 dB/100m
Near-end cross-talk
772 kHz: min. 61 dB
1 MHz: min. 59 dB
2 MHz: min. 55 dB
4 MHz: min. 50 dB
8 MHz: min. 46 dB
10 MHz: min. 44 dB
16 MHz: min. 41 dB
20 MHz: min. 40 dB
Velocity of propagation
0,66 c
Transfer impedance
screen resistance:
max. 10 Ω/km
transfer impedance:
max. 250 mΩ/m (30 MHz)
Peak operating voltage
data pair:
250 V (not for power applications)
power pair:
450 V (not for power applications)
Test voltage
core/core:
1500 V
core/screen:
1000 V
Mechanical and thermal properties
Minimum bending radius
fixed:
7.5 x cable Ø
flexing: 15 x cable Ø
Temperature range
fixed:
-30 ˚C up to +80 ˚C
flexing: -5 ˚C up to +70 ˚C
Burning load
0,3 kWh/m
Flammability
flame retardant acc. to IEC 60332-1-2 resp. EN 60332-1-2
Halogen free
acc. to VDE 0472-815
Oil resistance
acc. to EN 50363-10-2
General requirements
This cable is conform to EU-Directive 2014/35/EU (Low Voltage Directive) and to EU-Directive
2011/65/EU (RoHS, Restriction of the use of certain hazardous substances).
Environmental information
These cables meet the substance-specific requirements of the EU Directive 2011/65/EU (RoHS).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com