Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC238M1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC238M1R
Description  3 TO 8 LINE DECODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC238M1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC238M1R Datasheet HTML 1Page - STMicroelectronics M74HC238M1R Datasheet HTML 2Page - STMicroelectronics M74HC238M1R Datasheet HTML 3Page - STMicroelectronics M74HC238M1R Datasheet HTML 4Page - STMicroelectronics M74HC238M1R Datasheet HTML 5Page - STMicroelectronics M74HC238M1R Datasheet HTML 6Page - STMicroelectronics M74HC238M1R Datasheet HTML 7Page - STMicroelectronics M74HC238M1R Datasheet HTML 8Page - STMicroelectronics M74HC238M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M74HC238
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1, 2, 3
A, B, C
Data Inputs
4, 5
G2A G2B
Enable Input (Active
LOW)
6
G1
Data Enable Input (Active
HIGH)
15, 14, 13,
12, 11, 10, 9,
7
Y0 to Y7
Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
SELECTED
OUTPUT
ENABLE
SELECT
G2B
G2A
G1
C
B
A
Y0Y1
Y2
Y3
Y4Y5Y6
Y7
X
X
L
X
X
X
L
LLL
LL
LL
NONE
X
H
X
X
X
X
L
LLL
LL
LL
NONE
H
X
X
X
X
X
L
LLL
LL
LL
NONE
LL
H
L
L
L
H
LLL
LL
LL
Y0
LL
H
L
L
H
L
H
LL
LL
LL
Y1
LL
H
L
H
L
L
L
H
L
LL
LL
Y2
LL
H
L
H
H
L
L
L
H
LL
LL
Y3
LL
H
H
L
L
L
LLL
H
L
LL
Y4
LL
H
H
L
H
L
LLL
L
H
LL
Y5
LL
H
H
H
LL
LLL
LL
H
L
Y6
LL
H
H
H
H
L
LLL
LL
L
H
Y7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com