Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157C Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # STM32MP157C
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP157C Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button STM32MP157C Datasheet HTML 30Page - List of Unclassifed Manufacturers STM32MP157C Datasheet HTML 31Page - List of Unclassifed Manufacturers STM32MP157C Datasheet HTML 32Page - List of Unclassifed Manufacturers STM32MP157C Datasheet HTML 33Page - List of Unclassifed Manufacturers STM32MP157C Datasheet HTML 34Page - List of Unclassifed Manufacturers STM32MP157C Datasheet HTML 35Page - List of Unclassifed Manufacturers STM32MP157C Datasheet HTML 36Page - List of Unclassifed Manufacturers STM32MP157C Datasheet HTML 37Page - List of Unclassifed Manufacturers STM32MP157C Datasheet HTML 38Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
36
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
Table 8-2. Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted)
Min
Nom
Max
Unit
Supply voltage, VIN
3.4
5.5
V
Input current, VIN
2000
mA
Supply voltage, VIN_BAT
1.4
3.6
V
Input current, VIN_BAT
2
mA
Supply voltage, SWIN
4.5
5.5
V
Input current, SWIN
250
mA
Supply voltage, PMIC_BSTIN
3.5
5.5
V
Output voltage range, PMIC_VOUT4
0.6
3.3
3.9
V
Output voltage range, PMIC_LDO1
1.7
1.8
3.3
V
Output voltage range, PMIC_LDO2
1.7
1.8
3.3
V
Output voltage range, PMIC_LDO5
1.7
2.9
3.9
V
Output voltage range, PMIC_LDO6
0.9
1.0
3.3
V
Output voltage range, PMIC_BSTOUT
5.2
V
Output voltage range, PMIC_VBUSOTG
~PMIC_BSTOUT
V
Output voltage range, PMIC_SWOUT
~PMIC_SWIN
V
Output voltage range, VDD_CORE1
1.2
V
Output voltage range, VDD_DDR1
1.35
V
Output voltage range, VDD3
3.3
V
Output voltage range, VTT_DDR1
1.8
V
Output voltage range, VDD3V3_USB1
3.3
V
Output voltage range, VREF_DDR1
0.675
V
Output voltage range, VDD1V2_DSI_REG1
1.2
V
Output voltage range, VDDA1V1_REG1
1.1
V
Output voltage range, VDDA1V8_REG1
1.8
V
Output current, PMIC_VOUT42
0
2000
mA
Output current, PMIC_LDO1 2
0
350
mA
Output current, PMIC_LDO2 2
0
350
mA
Output current, PMIC_LDO5 2
0
350
mA
Output current, PMIC_LDO6 2
0
150
mA
Output current, PMIC_BSTOUT 2
0
500
mA
Output current, PMIC_VBUSOTG 2
0
500
mA
Output current, PMIC_SWOUT 2
0
250
mA
(1)
These voltage rails are for reference only and should not be used to power anything on the PCB.
(2)
Please note that the total input current on VIN must not exceed the recommended maximum value even if individual
currents drawn from these power supply outputs are less than or equal to the maximum recommended operating output
currents. See section 7.7 for more details.
(3)
The VDD rail should not be used to power external active components. Low-current passive components, such as pull-up
resistors, is acceptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com