Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4022B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4022B
Description  OCTAL COUNTER WITH 8 DECODED OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4022B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4022B Datasheet HTML 1Page - STMicroelectronics HCF4022B Datasheet HTML 2Page - STMicroelectronics HCF4022B Datasheet HTML 3Page - STMicroelectronics HCF4022B Datasheet HTML 4Page - STMicroelectronics HCF4022B Datasheet HTML 5Page - STMicroelectronics HCF4022B Datasheet HTML 6Page - STMicroelectronics HCF4022B Datasheet HTML 7Page - STMicroelectronics HCF4022B Datasheet HTML 8Page - STMicroelectronics HCF4022B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2001
s
MEDIUM SPEED OPERATION :
10 MHz (Typ.) at VDD = 10V
s
FULLY STATIC OPERATION
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4022B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4022B is 4-stage Johnson counter
having 8 decoded outputs. Inputs include a
CLOCK, a RESET, and a CLOCK INHIBIT signal.
Schmitt trigger action in the clock input circuit
provides pulse shaping that allows unlimited clock
input pulse rise and fall times. This counter is
advanced one count at the positive clock signal
transition if the CLOCK INHIBIT signal is low.
Counter advanced via the clock line is inhibited
when the CLOCK INHIBIT signal is high. A high
RESET signal clears the counter to its zero count.
Use of the Johnson decade-counter configuration
permits high speed operation, 2-input decimal
decode gating and spike-free decoded outputs.
Anti-lock gating is provided, thus assuring proper
counting sequence. The decoded outputs are
normally low and go high only at their respective
decoded time slot. Each decoded output remains
high for one full clock cycle. A CARRY - OUT
signal completes one cycle every 8 clock input
cycles and is used to ripple-clock the succeeding
device in a multi-device counting chain.
HCF4022B
OCTAL COUNTER WITH 8 DECODED OUTPUTS
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4022BEY
SOP
HCF4022BM1
HCF4022M013TR
DIP
SOP


Similar Part No. - HCF4022B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4022B STMICROELECTRONICS-HCF4022B Datasheet
281Kb / 12P
COUNTERS/DIVIDERS
Jun-1989
logo
List of Unclassifed Man...
HCF4022B ETC1-HCF4022B Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
logo
STMicroelectronics
HCF4022BC1 STMICROELECTRONICS-HCF4022BC1 Datasheet
281Kb / 12P
COUNTERS/DIVIDERS
Jun-1989
logo
List of Unclassifed Man...
HCF4022BC1 ETC1-HCF4022BC1 Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
logo
STMicroelectronics
HCF4022BEY STMICROELECTRONICS-HCF4022BEY Datasheet
281Kb / 12P
COUNTERS/DIVIDERS
Jun-1989
More results

Similar Description - HCF4022B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
DECADE COUNTER WITH 10 DECODED OUTPUTS
Sep-2001
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Texas Instruments
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
Johnson decade counter with 10 decoded outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com