Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-06E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-06E
Description  7" In-Vehicle Smart Display with Smart Display 2.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-06E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-06E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
TREK-303R FL
Unit: mm
Ordering Information
Part Number
Description
TREK-303R-H2A0E
7" WVGA in-vehicle smart display 2.0 with bezel-free
4-wire resistive touchscreen
Optional Items
Part Number
Description
RAM-MOUNT-06E
VESA RAM mount with 3.6" VESA base and 5.6"
double-socket arm for 1.5" ball base
RAM-MOUNT-07E
5.6" double-socket arm for 1.5” ball base
1700030183-01
Smart display 2.0 cable, 5 m
1700030181-01
Smart display 2.0 cable, 10 m
A. USB host
B. Programmable hotkeys
C. Brightness up
D. Brightness down
E. Power LED
F. Light sensor
G. Speaker
A
B
C
D
E
F
G
Note: Use the “brightness down” button to turn off the backlight.
Power/wake up switch
Smart display port 2.0
Reset button
244
23.50
41
39.84
3-M4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com