Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1461S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SL1461S
Description  WIDEBAND PLL FM DEMODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL1461S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SL1461S Datasheet HTML 3Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 4Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 5Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 6Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 7Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 8Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 9Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 10Page - List of Unclassifed Manufacturers SL1461S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SL1461
7
AGC OUTPUT
VCC
VREF; 2.7V
AGC output
VREF; 2V
AGC BIAS
AGC bias adjust
AFC window adjust
RF inputs
VREF; 3V
2x1500
RF INPUTS
VREF; 1.6V
AFC WINDOW
Fig.6 SL1461 I/O port internal circuitry
AFC output stage
VCC
AFC PUMP
AFC OUTPUT
Video amp outputs
VIDEO +
VIDEO –
330
330
2mA
2mA
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com