Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF101L4S Datasheet(PDF) 1 Page - Rohm

Part # RF101L4S
Description  Fast recovery diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF101L4S Datasheet(HTML) 1 Page - Rohm

  RF101L4S Datasheet HTML 1Page - Rohm RF101L4S Datasheet HTML 2Page - Rohm RF101L4S Datasheet HTML 3Page - Rohm RF101L4S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF101L4S
Diodes
1/3
Fast recovery diode
RF101L4S
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Features
1) Small power mold type
(PMDS)
2) Ultra low VF
3) Ultra high switching speed
4) Low switching loss
Constructure
Silicon epitaxial planar
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
℃
Tstg
℃
-55 to +150
Parameter
Reverse voltage (DC)
Reverse voltage (repetitive)
Limits
400
400
1
20
150
Average rectified forward current
Junction temperature
Forward current surge peak (60Hz・1cyc)
(*1)Mounting on epoxy board. 180°Half sine wave
Storage temperature
Electrical characteristic (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
-
1.25
V
IF=1.0A
IR
--
10
µA
VR=400V
Reverse recovery time
trr
-
-
25
ns
IF=0.5A,IR=1A,Irr=0.25*IR
Conditions
Reverse current
Parameter
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ1.55
0.3
2.8MAX
PMDS
2.0
ROHM : PMDS
JEDEC : SOD-106
①
Manufacture date
②
①
②
6
6
0.1±0.02
    0.1
2.6±0.2
2.0±0.2
1.5±0.2


Similar Part No. - RF101L4S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
286Kb / 4P
Fast Recovery Diode
RF101L4S ROHM-RF101L4S Datasheet
319Kb / 7P
Fast Recovery Diode
RF101L4S ROHM-RF101L4S Datasheet
160Kb / 5P
Fast Recovery Diode
RF101L4STE25 ROHM-RF101L4STE25 Datasheet
160Kb / 5P
Fast Recovery Diode
RF101L4STF ROHM-RF101L4STF Datasheet
770Kb / 7P
Fast Recovery Diode
More results

Similar Description - RF101L4S

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
ABB
5SDF02D6004 ABB-5SDF02D6004 Datasheet
92Kb / 5P
Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com