Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA529 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 2 Page - STMicroelectronics

  STA529 Datasheet HTML 1Page - STMicroelectronics STA529 Datasheet HTML 2Page - STMicroelectronics STA529 Datasheet HTML 3Page - STMicroelectronics STA529 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STA529
2/4
Introduction
The STA529 is a digital stereo class-D audio amplifier. It includes an audio DSP, a ST
proprietary high-efficiency class-D driver and CMOS power output stage. It is intended for
high-efficiency digital-to-power-audio conversion for portable applications. The STA529 also
provides output capabilities for FFXTM. In conjunction with a power device, the STA529
provides high-quality digital amplification.
The STA529 contains an on-chip volume/gain control.
The PWM amplifier achieves greater than 90% efficiency for longer battery life for portable
systems.
The innovative class-D modulation, allows the STA529 to work without external LC filters
and without a heatsink.
The STA529 I2CDIS pin disables the audio DSP functions to provide a direct conversion of
the input signal into output power (the I2C interface is disabled). This conversion is done
without the microcontroller.
The STA529 is designed for low-power operation with extremely low-current consumption in
standby mode. It is available in two packages: the TFBGA48 and the VFQFPN52. These are
very thin packages (1.2 mm thick) intended for small portable applications.
Figure 1.
Block diagram
Power
driver
Power
driver
Control
interface
Divider
PLL
OSC
FFX
modulator
PWM out I/F
ADC
ADC
Serial digital
audio interface
PGA
Digital
volume
OUT1A
OUT1B
OUT2A
OUT2B
VBIAS
INL
VHI
VCM
VLO
INR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com