Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STIL
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL Datasheet(HTML) 1 Page - STMicroelectronics

  STIL Datasheet HTML 1Page - STMicroelectronics STIL Datasheet HTML 2Page - STMicroelectronics STIL Datasheet HTML 3Page - STMicroelectronics STIL Datasheet HTML 4Page - STMicroelectronics STIL Datasheet HTML 5Page - STMicroelectronics STIL Datasheet HTML 6Page - STMicroelectronics STIL Datasheet HTML 7Page - STMicroelectronics STIL Datasheet HTML 8Page - STMicroelectronics STIL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
1/11
STIL
AC INRUSH CURRENT LIMITER
1
2
3
4
5
PENTAWATT HV2
STIL04-P5
1
TAB
2 3
4
5
PENTAWATT
STIL06-T5
1
TAB
2 3
4
5
PENTAWATT
STIL08-T5
PENTAWATT
STIL04-T5
1
TAB
2 3
4
5
December 2005
APPLICATIONS
■ High power density switching power supply
■ Server and Telecom power supplies
■ Game station power supplies
■ High end TV displays
■ Portable equipment adaptators
FEATURES
■ Replaces two diodes of the bridge in steady
state
■ Dual unidirectional switches in a single
package
■ Inrush current limitation circuit for off-line
power supply
■ Designed for instantaneous response after AC
line drop out or browning
■ Surge current capability as per IEC61000-4-5
BENEFITS
■ Low consumption (IPt= 20mA)
■ High noise immunity:
dV/dt> 1000V/µs @ Tj=125°C
■ Low reverse current losses
■ Integrated pilot driver of the power switches
■ Suitable where efficiency and space are critical
Table 1: Order Codes
Part Number
Marking
STIL04-P5
STIL04P5
STIL04-T5
STIL04T5
STIL06-T5
STIL06T5
STIL08-T5
STIL08T5
ASD: Application Specific Devices.
ASD
Table 2: Pin Out Description
Pin out
designation
Description
Position
L
AC Line (switch1)
1
Pt1
Drive of power switch 1
2
OUT
Output
3
Pt2
Drive of power switch 2
4
N
AC Neutral (switch 2)
5
Figure 1: Block diagram
Figure 2: Basic connection
Pt1
Pt2
OUT
N
L
OUT
Pt2
Main
Converter
VOUT
Auxil.
Supply
AC in
Inrush resistor
+
N
L
-
+
Pt1
REV. 5


Similar Part No. - STIL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
AC inrush current limiter
Oct-2002
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
More results

Similar Description - STIL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
AC inrush current limiter
Oct-2002
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
Inrush Current Limiter HIC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
AMETHERM Circuit Protec...
SG32 AMETHERM-SG32 Datasheet
361Kb / 1P
SURGE-GARD INRUSH CURRENT LIMITER
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
NTC Inrush Current Limiter
logo
Mean Well Enterprises C...
ICL-16R MEANWELL-ICL-16R Datasheet
221Kb / 4P
16A AC Inrush Current Limiter
ICL-28R MEANWELL-ICL-28R Datasheet
199Kb / 5P
28A AC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com