Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH212S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH212S
Description  High voltage ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH212S Datasheet(HTML) 1 Page - STMicroelectronics

  STTH212S Datasheet HTML 1Page - STMicroelectronics STTH212S Datasheet HTML 2Page - STMicroelectronics STTH212S Datasheet HTML 3Page - STMicroelectronics STTH212S Datasheet HTML 4Page - STMicroelectronics STTH212S Datasheet HTML 5Page - STMicroelectronics STTH212S Datasheet HTML 6Page - STMicroelectronics STTH212S Datasheet HTML 7Page - STMicroelectronics STTH212S Datasheet HTML 8Page - STMicroelectronics STTH212S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 1
June 2005
1/9
9
STTH212
High voltage ultrafast diode
Main product characteristics
Features and benefits
■ Low forward voltage drop
■ High reliability
■ High surge current capability
■ Soft switching for reduced EMI disturbances
■ Planar technology
Description
The STTH212, which is using ST ultrafast high
voltage planar technology, is specially suited for
free-wheeling,
clamping,
snubbering,
demagnetization in power supplies and other
power switching applications.
Housed in axial, SMB, and SMC packages, this
diode will reduce the losses in high switching
freqency operations.
Order codes
IF(AV)
2 A
VRRM
1200 V
Tj
175°C
VF (typ)
1.0 V
trr (max)
75 ns
Part Number
Marking
STTH212
STTH212
STTH212RL
STTH212
STTH212U
U22
STTH212S
S12
K
A
SMB
STTH212U
SMC
STTH212S
DO-201AD
STTH212
www.st.com


Similar Part No. - STTH212S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH20002TV STMICROELECTRONICS-STTH20002TV Datasheet
104Kb / 5P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
13-Jul-2004
STTH20002TV1 STMICROELECTRONICS-STTH20002TV1 Datasheet
104Kb / 5P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
13-Jul-2004
logo
Inchange Semiconductor ...
STTH20003 ISC-STTH20003 Datasheet
553Kb / 3P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH20003 STMICROELECTRONICS-STTH20003 Datasheet
189Kb / 10P
300 V ultrafast high voltage rectifier
07-Jun-2018
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
More results

Similar Description - STTH212S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH810 STMICROELECTRONICS-STTH810 Datasheet
193Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH3010 STMICROELECTRONICS-STTH3010 Datasheet
148Kb / 10P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH12010TV STMICROELECTRONICS-STTH12010TV Datasheet
143Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6010 STMICROELECTRONICS-STTH6010 Datasheet
132Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH1210 STMICROELECTRONICS-STTH1210 Datasheet
194Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6110TV STMICROELECTRONICS-STTH6110TV Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
logo
Inchange Semiconductor ...
STTA6006TV1 ISC-STTA6006TV1 Datasheet
241Kb / 2P
ULTRAFAST HIGH VOLTAGE DIODE
STTA9012TV2 ISC-STTA9012TV2 Datasheet
347Kb / 3P
Ultrafast High Voltage Diode
STTH6110TV2 ISC-STTH6110TV2 Datasheet
545Kb / 3P
Ultrafast recovery - high voltage diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com