Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STIL04T5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STIL04T5
Description  AC INRUSH CURRENT LIMITER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIL04T5 Datasheet(HTML) 4 Page - STMicroelectronics

  STIL04T5 Datasheet HTML 1Page - STMicroelectronics STIL04T5 Datasheet HTML 2Page - STMicroelectronics STIL04T5 Datasheet HTML 3Page - STMicroelectronics STIL04T5 Datasheet HTML 4Page - STMicroelectronics STIL04T5 Datasheet HTML 5Page - STMicroelectronics STIL04T5 Datasheet HTML 6Page - STMicroelectronics STIL04T5 Datasheet HTML 7Page - STMicroelectronics STIL04T5 Datasheet HTML 8Page - STMicroelectronics STIL04T5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STIL
4/11
Table 5: Electrical Characteristics
Symbol
Parameter
Test conditions
Values
Unit
STIL04
STIL06
STIL08
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
IPt1
+
IPt2
Driver trigger
current
VDout = 12V(DC)
RL = 30Ω
Tj = 0°C
12
20
12
20
12
20
mA
Tj = 25°C
10
10
10
VD(Pt1)
VD(Pt2)
Direct driver
trigger voltage
VDout = 12V(DC)
RL = 30Ω
Tj = 0°C
0.6
0.85
1
0.85
1
0.8
1
V
Tj = 25°C
0.8
0.95
0.8
0.95
0.75
0.9
Tj = 150°C 0.2 0.45
0.2
0.45
0.2
0.4
VR(Pt1)
VR(Pt2)
Maximum repetitive reverse driver
voltage
Tj = 25°C
88
8
V
dVDout/dt
Dynamic
voltage rising
Linear slope up
to VDout = 470V
Tj = 150°C 500
500
500
V/µs
Tj = 125°C 1000
1000
1000
IRout (off)*
Max reverse
current without
driver current
VRout = 800V
IPt1 = IPt2 = open
Tj = 25°C
55
5
µA
Tj = 150°C
300
300
300
IRout (on)*
Max reverse
current with
driver current
VRout = 400V
IPt1 = IPt2 = 10mA
Tj = 150°C
300
300
300
µA
Vt0
Threshold direct
voltage for one
power switch
Iout(AV) = 4A
Tj = 150°C
0.75
0.9
V
Iout(AV) = 6A
0.75
0.9
Iout(AV) = 8A
0.75
0.9
Rd
Dynamic
resistance for
one power
switch
Iout(AV) = 4A
Tj = 150°C
55
80
m
Iout(AV) = 6A
45
50
Iout(AV) = 8A
30
40
VF **
Forward voltage
drop for one
power switch
Iin = 4A
Tj = 150°C
0.95
1.4
V
Iin = 6A
1.05 1.35
Iin = 8A
0.97
1.2
Pulse test:
* tp = 300 ms,
δ < 2%
** tp = 380 µs,
δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com