Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2192GC-Z Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2192GC-Z
Description  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192GC-Z Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2192GC-Z Datasheet HTML 1Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 2Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 3Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 4Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 5Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 6Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 7Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 8Page - Monolithic Power Systems MP2192GC-Z Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP2192
– 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH 25µA IQ
MP2192 Rev. 1.0
MonolithicPower.com
4
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TJ = -40°C to +125°C (6), typical value is tested at TJ = 25°C. The over-temperature limit
is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN range
2.5
5.5
V
UVLO threshold rising
2.3
2.45
V
UVLO threshold hysteresis
135
mV
Feedback voltage
VFB
TJ = 25°C,
2.5V ≤ VIN ≤ 5.5V,
IOUT = 0.1A
594
600
606
mV
TJ = -40°C to +125°C,
IOUT = 0.1A
591
600
609
Feedback current
IFB
VFB = 0.63V
50
100
nA
P-channel MOSFET switch
on resistance
RDS(ON)_P
VIN = 5V
75
mΩ
N-channel MOSFET switch
on resistance
RDS(ON)_N
VIN = 5V
45
mΩ
Switch leakage
VEN = 0V, VIN = 6V, TJ = 25°C,
VSW = 0V and 6V
0
1
μA
P-channel MOSFET peak
current limit
2.8
3.5
4.1
A
N-channel MOSFET valley
current limit
2.5
A
ZCD
50
mA
On time
tON
VIN = 5V, VOUT = 1.2V
220
ns
VIN = 3.6V, VOUT = 1.2V
300
Switching frequency
fSW
VOUT=1.2V, IOUT=0.5A
1100
kHz
Minimum off time
tMIN-OFF
100
ns
Minimum on time (7)
tMIN-ON
60
ns
Soft-start time
tSS-ON
VOUT rising from 10% to 90%
1.1
ms
EN turn-on delay
EN on to SW active
220
μs
EN input logic low voltage
0.4
V
EN input logic high voltage
1.2
V
Output discharge resistor
RDIS
VEN = 0V, VOUT = 1.2V
13
Ω
EN input current
VEN = 2V
1.2
μA
VEN = 0V
0
μA
Supply current (shutdown)
VEN = 0V, TJ = 25°C
0
1
μA
Supply current (quiescent)
Adjustable version
VEN = 2V, VFB = 0.63V,
VIN = 5V, TJ = 25°C
25
30
μA
Output over-voltage
threshold
VOVP
112%
117%
122%
VFB
VOUT OVP hysteresis
VOVP_HYS
13%
VFB
OVP delay
12
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com