Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2338 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2338
Description  High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2338 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2338 Datasheet HTML 9Page - Monolithic Power Systems MP2338 Datasheet HTML 10Page - Monolithic Power Systems MP2338 Datasheet HTML 11Page - Monolithic Power Systems MP2338 Datasheet HTML 12Page - Monolithic Power Systems MP2338 Datasheet HTML 13Page - Monolithic Power Systems MP2338 Datasheet HTML 14Page - Monolithic Power Systems MP2338 Datasheet HTML 15Page - Monolithic Power Systems MP2338 Datasheet HTML 16Page - Monolithic Power Systems MP2338 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MP2338 – 28V, 3A, SYNCHRONOUS STEP-DOWN CONVERTER W/ INTERNAL MOSFETS
MP2338 Rev. 1.0
www.MonolithicPower.com
13
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 5V, L = 6.8μH, TA = 25°C, unless otherwise noted.
Load Transient
IOUT = 0A to 1.5A
SCP Entry
IOUT = 0A
CH1: VOUT/AC
CH4: IOUT
CH1: VOUT
CH2: VPG
CH3: VSW
CH4: IL
SCP Entry
IOUT = 3A
SCP Recovery
IOUT = 0A
CH1: VOUT
CH2: VPG
CH3: VSW
CH4: IL
CH1: VOUT
CH2: VPG
CH3: VSW
CH4: IL
SCP Recovery
IOUT = 3A
CH1: VOUT
CH2: VPG
CH3: VSW
CH4: IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com