Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU4523AX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BU4523AX
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4523AX Datasheet(HTML) 5 Page - NXP Semiconductors

  BU4523AX Datasheet HTML 1Page - NXP Semiconductors BU4523AX Datasheet HTML 2Page - NXP Semiconductors BU4523AX Datasheet HTML 3Page - NXP Semiconductors BU4523AX Datasheet HTML 4Page - NXP Semiconductors BU4523AX Datasheet HTML 5Page - NXP Semiconductors BU4523AX Datasheet HTML 6Page - NXP Semiconductors BU4523AX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4523AX
Fig.13. Transient thermal impedance.
Fig.14. Test Circuit RBSOA.
Fig.15. Reverse bias safe operating area. T
j ≤ Tjmax
Fig.16. I
Csat during normal running vs. frequency of
operation for optimum performance
1E-06
1E-04
1E-02
1E+00
t / s
Zth / (K/W)
D = 0
0.02
0.05
0.1
0.2
0.5
D =
tp
tp
T
T
P
t
D
10
1
0.1
0.01
0.001
100
1000
0
10
20
30
VCE / V
IC / A
BU2523
1500
0
20
406080
100
0
2
4
6
8
10
Horizontal frequency (kHz)
Ic(sat) (A)
1
3
5
7
9
10
30
50
70
90
LB
IBend
-VBB
LC
T.U.T.
VCC
VCL
CFB
May 1998
5
Rev 1.100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com