Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7758 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP7758
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP7758 Datasheet HTML 1Page - Monolithic Power Systems MP7758 Datasheet HTML 2Page - Monolithic Power Systems MP7758 Datasheet HTML 3Page - Monolithic Power Systems MP7758 Datasheet HTML 4Page - Monolithic Power Systems MP7758 Datasheet HTML 5Page - Monolithic Power Systems MP7758 Datasheet HTML 6Page - Monolithic Power Systems MP7758 Datasheet HTML 7Page - Monolithic Power Systems MP7758 Datasheet HTML 8Page - Monolithic Power Systems MP7758 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
2
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATION
SW1A
BST1A
SW1B
BST1B
SW2A
BST2A
SW2B
BST2B
Audio Input L +
CIN
Audio Input L -
Audio Input R +
Audio Input R -
Power Limit
Speaker L
FB
OUT1A
OUT1B
GAIN0
GAIN1
FB
Speaker R
FB
OUT2A
OUT2B
FB
Fault Flag
EN
PVCC
5 to 18V
CAP_D
IN1A
IN1B
PLIMIT
IN2A
IN2B
Gain Control
Enable
/FAULT
Input Absence
INABSENCE
CD
CIN
CIN
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com