Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86920 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP86920
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86920 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP86920 Datasheet HTML 7Page - Monolithic Power Systems MP86920 Datasheet HTML 8Page - Monolithic Power Systems MP86920 Datasheet HTML 9Page - Monolithic Power Systems MP86920 Datasheet HTML 10Page - Monolithic Power Systems MP86920 Datasheet HTML 11Page - Monolithic Power Systems MP86920 Datasheet HTML 12Page - Monolithic Power Systems MP86920 Datasheet HTML 13Page - Monolithic Power Systems MP86920 Datasheet HTML 14Page - Monolithic Power Systems MP86920 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP86920
– 16V, INTELLI-PHASETM SOLUTION IN LGA-27 (4mmx5mm) PACKAGE
MP86920 Rev. 1.0
www.MonolithicPower.com
12
12/22/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
PCB Layout Guidelines
An efficient layout is critical for stable operation.
For the best results, refer to Figure 3 and follow
the guidelines below:
1. Place the MLCC input capacitors as close to
VIN and PGND as possible.
2. Place
as
many
VIN
and
PGND
vias
underneath the package as possible. Place
these vias between the VIN or PGND long
pads.
3. Place a VIN copper plane on the second
inner
layer
to
form
the
PCB
stack
(positive/negative/positive)
to
reduce
parasitic impedance from the MLCC input
capacitor to the MP86950. Ensure that the
copper plane on the inner layer covers the
VIN vias and MLCC input capacitors.
4. Place more PGND vias close to the PGND
pin/pad to minimize parasitic resistance,
parasitic impedance, and thermal resistance.
5. Place the BST capacitor, BST resistor, and
VDRV capacitor as close to the
MP86950’s
pins as possible. For BST routing, use a
trace width greater than 20mils. Avoid
placing vias on the BST driving path.
6. Place the VDD decoupling capacitor close
to the device.
7. Route the CS signal trace away from high
voltages and current slew rate nodes (such
as SW, PWM, the VIN vias, and the PGND
vias).
Figure 3: Recommended PCB Layout
Input Capacitor: 0402 Package (Top Side) and 0805 Package (Bottom Sides)
BST/VDRV/VDD Capacitor/Resistor: 0402 Package
Via Size: 10/20mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com