Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86934GLT Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP86934GLT
Description  16V Intelli-Phase Solution in TQFN 3x4
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86934GLT Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP86934GLT Datasheet HTML 1Page - Monolithic Power Systems MP86934GLT Datasheet HTML 2Page - Monolithic Power Systems MP86934GLT Datasheet HTML 3Page - Monolithic Power Systems MP86934GLT Datasheet HTML 4Page - Monolithic Power Systems MP86934GLT Datasheet HTML 5Page - Monolithic Power Systems MP86934GLT Datasheet HTML 6Page - Monolithic Power Systems MP86934GLT Datasheet HTML 7Page - Monolithic Power Systems MP86934GLT Datasheet HTML 8Page - Monolithic Power Systems MP86934GLT Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP86934 – 16V INTELLI-PHASE SOLUTION IN TQFN 3X4
MP86934 Rev.1.2
www.MonolithicPower.com
4
5/26/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VCC =SYNC= 3.3V, TA = 25°C for Typical value and TJ = -40°C to 125°C for Max and Min
values, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN Under Voltage Lockout
Threshold Rising
4.1
4.5
V
VIN Under Voltage Lockout
Threshold Hysteresis
380
mV
VIN Quiescent Current in Standby
Mode
IIN Stby
PWM=Hi-Z, SYNC=Hi-Z,
VIN=4.5V to 22V
1
μA
VCC Quiescent Current in active
mode
ICC Quiescent
PWM=Low, No switching,
SYNC=Hi or Low
3
mA
VCC Quiescent Current in Standby
Mode
ICC Stby
SYNC=Hi-Z
30
μA
VCC Voltage UVLO Rising
2.5
2.7
2.9
V
VCC Voltage UVLO Hysteresis
200
mV
High Side Current Limit
ILIM_FLT
60
A
High Side Current Limit Shutdown
Counter(4)
4
Times
Low Side Current Limit(4)
-15
A
Low-Side OFF time in negative
current limit(4)
40
ns
Dead-Time Rising(4)
3
ns
Dead-Time Falling(4)
Positive inductor current
8
ns
Negative inductor current
40
ns
SYNC Logic High Voltage
2.40
V
SYNC Tristate Region
1.3
1.7
V
SYNC Logic Low Voltage
0.70
V
PWM High to SW Rising Delay(4)
tRising
20
ns
PWM Low to SW Falling Delay(4)
tFalling
20
ns
PWM Tristate to SW Hi-Z Delay(4)
tLo-HiZ
50
ns
tHiZ-Lo
50
ns
tHiZ-Hi
50
ns
Minimum SW Pulse Width(4)
30
ns
Current Sense Gain Accuracy
5A ≤ ISW ≤ 30A
-3
0
+3
%
Current Sense Gain
10
μA/A
Current Sense Offset
IOUT= 0A
-6
0
6
μA
SW Hi-Z
-2
0
2
μA
Current Sense Common Mode
Voltage Range
VCS_COM
0.8
2
V
Temperature Sense Gain(4)
10
mV/°C
Temperature Sense Offset(4)
-100
mV
Temperature Sense voltage
range(4)
T=150C
1.4
V
T=100C
0.90
V
T=25C
0.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com