Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU4523DX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU4523DX
Description  Silicon Diffused Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4523DX Datasheet(HTML) 3 Page - NXP Semiconductors

  BU4523DX Datasheet HTML 1Page - NXP Semiconductors BU4523DX Datasheet HTML 2Page - NXP Semiconductors BU4523DX Datasheet HTML 3Page - NXP Semiconductors BU4523DX Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Philips Semiconductors
Objective specification
Silicon Diffused Power Transistor
BU4523DX
MECHANICAL DATA
Dimensions in mm
Net Mass: 5.88 g
Fig.1. SOT399; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
4.5
16.0 max
0.7
10.0
5.1
27
max
18.1
min
4.5
2.2 max
1.1
0.4 M
5.45
5.45
25
25.1
3.0
25.7
5.8 max
3.3
0.95 max
2
3.3
22.5
max
July 1998
3
Rev 1.000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com