Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT18/HG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FT18/HG
Description  Frame Transfer CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FT18/HG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FT18/HG Datasheet HTML 3Page - NXP Semiconductors FT18/HG Datasheet HTML 4Page - NXP Semiconductors FT18/HG Datasheet HTML 5Page - NXP Semiconductors FT18/HG Datasheet HTML 6Page - NXP Semiconductors FT18/HG Datasheet HTML 7Page - NXP Semiconductors FT18/HG Datasheet HTML 8Page - NXP Semiconductors FT18/HG Datasheet HTML 9Page - NXP Semiconductors FT18/HG Datasheet HTML 10Page - NXP Semiconductors FT18/HG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2000 January
7
Philips Semiconductors
Product specification
Frame Transfer CCD Image Sensor
FT 18
Figure 4 - Frame timing diagrams
Frame Timing
Frame Shift Timing
A1
L
H
Tp=1/(36MHz) = 27.8ns
A2
L
H
A3
L
H
A4
L
H
1
2
1048
1047
B1
L
H
B2
L
H
B3
L
H
B4
L
H
1
2
1048
1047
48 Tp
750kHz
18Tp
30Tp
for all A and B clocks,
duty cycle = 5/8
1109 1110 1111 1112 1113 1114 1115 1116
1119 1120 1121 1122
...... 1250
1
......
26
27
......
70
71
72
73
74
75
76
77
78
79
80
81
82
83
86
87
1024 D
D
B
B
BLC BLC
B
B
D
D
E
internal
LINE
counter
EEEEBB
BLC BLC
BBD
D
C
C
1
video
line no.
A1
A2
A3
A4
L
H
L
H
L
H
L
H
B1
B2
B3
B4
L
H
L
H
L
H
L
H
CR
BLC
SSC
PB
L
H
L
H
L
H
L
H
By adding one CR-pulse during the horizontal blanking,
the effective integration time is decreased: "electronic shuttering"
CB
L
H
CR before nominal integration
......
......
88
2
charge image (all lines) is moved from image to storage
by the image and storage clocks together (see Figure "Frame Shift Timing").
Frame Transfer (FT):
Charge Pump (CP): a measure to reduce dark current due to interface states.
For details see figure 3 "Line and pixel timing diagrams".
Hustle: moving the charge packets of one line from storage to the output register.
For details see figure 3 "Line and pixel timing diagrams".
Linetime: the C-clocks shift charge packets one-by-one to the selected output buffer.
For details see figure 3 "Line and pixel timing diagrams".
Black-Level Clamp (BLC): the video processing clamps the black lines to determine its output zero-level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com