Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6221GS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD6221GS
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6221GS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD6221GS Datasheet HTML 14Page - Renesas Technology Corp UPD6221GS Datasheet HTML 15Page - Renesas Technology Corp UPD6221GS Datasheet HTML 16Page - Renesas Technology Corp UPD6221GS Datasheet HTML 17Page - Renesas Technology Corp UPD6221GS Datasheet HTML 18Page - Renesas Technology Corp UPD6221GS Datasheet HTML 19Page - Renesas Technology Corp UPD6221GS Datasheet HTML 20Page - Renesas Technology Corp UPD6221GS Datasheet HTML 21Page - Renesas Technology Corp UPD6221GS Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
19
µPD6221
NOTES FOR CMOS DEVICES
1
PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note: Strong electric field, when exposed to a MOS device, can cause destruction
of the gate oxide and ultimately degrade the device operation. Steps must
be taken to stop generation of static electricity as much as possible, and
quickly dissipate it once, when it has occurred. Environmental control must
be adequate. When it is dry, humidifier should be used. It is recommended
to avoid using insulators that easily build static electricity. Semiconductor
devices must be stored and transported in an anti-static container, static
shielding bag or conductive material.
All test and measurement tools
including work bench and floor should be grounded. The operator should
be grounded using wrist strap. Semiconductor devices must not be touched
with bare hands. Similar precautions need to be taken for PW boards with
semiconductor devices on it.
2
HANDLING OF UNUSED INPUT PINS FOR MOS DEVICES
Note: No connection for MOS device inputs can be cause of malfunction. If no
connection is provided to the input pins, it is possible that an internal input
level may be generated due to noise, etc., hence causing malfunction. MOS
device behaves differently than Bipolar device. Input levels of MOS device
must be fixed high or low by using a pull-up or pull-down circuitry. Each
unused pin should be connected to VDD or GND with a resistor, if it is
considered to have a possibility of being an output pin. All handling related
to the unused pins must be judged device by device and related specifica-
tions governing the devices.
3
STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note: Power-on does not necessarily define initial status of MOS device. Produc-
tion process of MOS does not define the initial operation status of the
device. Immediately after the power source is turned ON, the devices with
reset function have not yet been initialized.
Hence, power-on does not
guarantee out-pin levels, I/O settings or contents of registers. Device is not
initialized until the reset signal is received.
Reset operation must be
executed immediately after power-on for devices having reset function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com