Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80220 Datasheet(PDF) 39 Page - LSI Computer Systems

Part # 80220
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80220 Datasheet(HTML) 39 Page - LSI Computer Systems

Back Button 80220 Datasheet HTML 35Page - LSI Computer Systems 80220 Datasheet HTML 36Page - LSI Computer Systems 80220 Datasheet HTML 37Page - LSI Computer Systems 80220 Datasheet HTML 38Page - LSI Computer Systems 80220 Datasheet HTML 39Page - LSI Computer Systems 80220 Datasheet HTML 40Page - LSI Computer Systems 80220 Datasheet HTML 41Page - LSI Computer Systems 80220 Datasheet HTML 42Page - LSI Computer Systems 80220 Datasheet HTML 43Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
80220/80221
4-39
MD400159/E
39
Table 15. MI Register 5 (AutoNegotiation Remote End Capability) Structure
5.15
5.14
5.13
5.12
5.11
5.10
5.9
5.8
NP
ACK
RF
0
0
0
T4
TX_FDX
RRRR
RRRR
5.7
5.6
5.5
5.4
5.3
5.2
5.1
5.0
TX_HDX
10_FDX
10_HDX
0000
CSMA
RRRR
RRRR
Bit
Symbol
Name
Definition
R/W
Def.
5.15
NP
Next Page Enable
1 = Next Page Exists
R
0
0 = No Next Page
5.14
ACK
Acknowledge
1 = Received AutoNegotiation Word Recognized
R
0
0 = Not Recognized
5.13
RF
Remote Fault
1 = AutoNegotiation Remote Fault Detected
R
0
Enable
0 = No Remote Fault
5.12
Reserved
R
0
5.11
0
5.10
0
5.9
T4
100Base-T4
1 = Capable Of 100Base-T4
R
0
Capable
0 = Not Capable
5.8
TX_FDX
100Base-TX Full
1 = Capable of 100Base-TX Full Duplex
R
0
Duplex Capable
0 = Not Capable
5.7
TX_HDX
100Base-TX Half
1 = Capable Of 100Base-TX Half Duplex
R
0
Duplex Capable
0 = Not Capable
5.6
10_FDX
10Base-T Full
1 = Capable Of 10Base-T Full Duplex
R
0
Duplex Capable
0 = Not Capable
5.5
10_HDX
10Base-T Half
1 = Capable Of 10Base-T Half Duplex
R
0
Duplex Capable
0 = Not Capable
5.4
Reserved
R
0
thru
0
5.1
0
0
5.0
CSMA
CSMA 802.3
1 = Capable of 802.3 CSMA Operation
R
0
Capable
0 = Not Capable
x.15 Bit Is Shifted First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com