Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6465 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 6465
Description  MOS INTEGRATED CIRCUIT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6465 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 6465 Datasheet HTML 17Page - Renesas Technology Corp 6465 Datasheet HTML 18Page - Renesas Technology Corp 6465 Datasheet HTML 19Page - Renesas Technology Corp 6465 Datasheet HTML 20Page - Renesas Technology Corp 6465 Datasheet HTML 21Page - Renesas Technology Corp 6465 Datasheet HTML 22Page - Renesas Technology Corp 6465 Datasheet HTML 23Page - Renesas Technology Corp 6465 Datasheet HTML 24Page - Renesas Technology Corp 6465 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
µPD6464A,6465
19
2.9
Write Address Control Command
This command specifies a write address when a character is written to the display area (video RAM) of 12
lines by 24 columns. Because this command is a 2-byte command, it must be input in 16-bit units even when
input successively.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
1
0
0
AR3
AR2
AR1
AR0
AC4
AC3
AC2
AC1
AC0
Write column address control bits
AC4
AC3
AC2
AC1
00
0
0
00
0
0
Function
Sets column 0
Sets column 1
Setting prohibited
AC0
0
1
10
1
1
Sets column 23
1
Write line address control bits
AR3
AR2
AR1
00
0
00
0
Function
Sets line 0
Sets line 1
Setting prohibited
AR0
0
1
10
1
Sets line 11
1
•
Write column address control bits
One line consists of 24 columns in the horizontal direction. These bits specify the column to be written.
•
Write line address control bits
One column consists of 12 lines in the vertical direction. These bits specify the line to be written.
Video RAM configuration
The video RAM consists of 12 lines by 24 columns as shown below.
The number of display characters therefore is 12 lines by 24 columns (when all the lines are set to the
minimum size).
AC4, AC3, AC2, AC1, AC0
00000
00001
00010
10110
10111
AR3, AR2, AR1, AR0
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com