Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD8821 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD8821
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD8821 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD8821 Datasheet HTML 17Page - Renesas Technology Corp UPD8821 Datasheet HTML 18Page - Renesas Technology Corp UPD8821 Datasheet HTML 19Page - Renesas Technology Corp UPD8821 Datasheet HTML 20Page - Renesas Technology Corp UPD8821 Datasheet HTML 21Page - Renesas Technology Corp UPD8821 Datasheet HTML 22Page - Renesas Technology Corp UPD8821 Datasheet HTML 23Page - Renesas Technology Corp UPD8821 Datasheet HTML 24Page - Renesas Technology Corp UPD8821 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
19
μ PD8821
Data Sheet S17961EJ2V0DS
APPLICATION CIRCUIT EXAMPLE
3
3
3
3
2
Ω
+10 V
B4
B3
+
47
μF/25 V
47
Ω
φ2L
1
4
3
9
5
2
40
37
38
39
32
33
36
VOUT4
VOUT3
GND
φ1BO
NC
NC
GND
φR
φCP
7
6
34
35
8
φ2BO
φ2L
47
Ω
φ2L
VOUT6
VOUT1
VOUT5
VOUT2
VOD
VOD
φ2L
B6
B1
B5
B2
2
Ω
φ1BO
2
Ω
φ2BO
21
20
47
Ω
φR
47
Ω
φCP
17
18
24
23
GND
φTG2
φTG3
φTG1
19
22
NC
NC
NC
NC
0.1
μF
+5 V
+
10
μF/16 V
φ2B
φ1B
φ1A
φ2A
NC
NC
2
Ω
2
Ω
2
Ω
2
Ω
2
Ω
2
Ω
12
29
13
14
28
27
15
16
26
25
3
3
φTG3
φ2B
φ1A
3
3
φTG1
φ1B
φ2A
10
11 HS-VOD
30
HS-VOD
31
NC
φ2AO
φ1AO
2
Ω
φ1AO
2
Ω
φ2AO
GND
GND
NC
+10 V
φTG2
2
Ω
0.1
μF
CCD
VOUT
B1 to B6 EQUIVALENT CIRCUIT
2SA1206
1.5 k
Ω
+10 V
+
47
μ F/25 V
100
Ω
+10 V
Connects the 3 inverters for
each
φ1 and φ2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com