Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73871 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73871 Datasheet HTML 9Page - Microchip Technology MCP73871 Datasheet HTML 10Page - Microchip Technology MCP73871 Datasheet HTML 11Page - Microchip Technology MCP73871 Datasheet HTML 12Page - Microchip Technology MCP73871 Datasheet HTML 13Page - Microchip Technology MCP73871 Datasheet HTML 14Page - Microchip Technology MCP73871 Datasheet HTML 15Page - Microchip Technology MCP73871 Datasheet HTML 16Page - Microchip Technology MCP73871 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2008-2022 Microchip Technology Inc. and its subsidiaries
DS20002090F-page 13
MCP73871
Note: Unless otherwise indicated, VIN =[VREG(typical) + 1V], IOUT = 10 mA and TA = +25°C, Constant Voltage mode.
FIGURE 2-25:
Start-Up Delay.
FIGURE 2-26:
Start Charge Cycle
(130 mAh Li-Ion Battery).
FIGURE 2-27:
Complete Charge Cycle
(130 mAh Li-Ion Battery).
FIGURE 2-28:
Complete Charge Cycle
(1000 mAh Li-Ion Battery).
FIGURE 2-29:
Typical Charge Profile in
Preconditioning (1000 mAh Battery).
Time (ms)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.1
0.20.3
0.40.5
Time (Minutes)
0
0.1
0.2
0.3
0.4
0.5
MCP73871
VDD = 5.2V
SEL = Low
PROG2 = Low
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
7
14
21
28
35
42
49
56
63
Time (Minutes)
0
0.1
0.2
0.3
0.4
0.5
MCP73871
VDD = 5.2V
SEL = Low
PROG2 = Low
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1020304050607080
Time (Minute)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
MCP73871
VDD = 5.2V
RPROG1 = 1 kΩ
RPROG3 = 25 kΩ
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.2
0.4
0.6
0.8
1
Time (Minute)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Preconditioning
Preconditioning Threshold Voltage
Fast Charge (Constant Current)
MCP73871
VDD = 5.2V
RPROG1 = 1 kΩ
RPROG3 = 25 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com