Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40T-I/ML Datasheet(PDF) 30 Page - Microchip Technology

Part # MRF24J40T-I/ML
Description  IEEE 802.15.4™ 2.4 GHz RF Transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40T-I/ML Datasheet(HTML) 30 Page - Microchip Technology

Back Button MRF24J40T-I/ML Datasheet HTML 26Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 27Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 28Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 29Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 30Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 31Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 32Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 33Page - Microchip Technology MRF24J40T-I/ML Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 151 page
background image
MRF24J40
DS30009776E-page 30
Preliminary
 2021 Microchip Technology Inc.
REGISTER 2-16:
TXMCR: CSMA-CA MODE CONTROL REGISTER (ADDRESS: 0x11)
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
NOCSMA
BATLIFEXT
SLOTTED
MACMINBE1 MACMINBE0
CSMABF2
CSMABF1
CSMABF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
NOCSMA: No Carrier Sense Multiple Access (CSMA) Algorithm bits
1 = Disable CSMA-CA algorithm when transmitting in Unslotted mode with GTSSWITCH
(TXPEND 0x21[1]) bit set
0 = Enable CSMA-CA algorithm when transmitting in Unslotted mode with GTSSWITCH
(TXPEND 0x21[1]) bit set (default)
bit 6
BATLIFEXT: Battery Life Extension Mode bit (macBattLifeExt)
1 = Enable
0 = Disable (default)
bit 5
SLOTTED: Slotted CSMA-CA Mode bit
1 = Enable Slotted CSMA-CA mode
0 = Disable Slotted CSMA-CA mode (default)
bit 4-3
MACMINBE[1:0]: MAC Minimum Backoff Exponent bits (macMinBE)
The minimum value of the backoff exponent in the CSMA-CA algorithm. Note that if this value is set to
‘0’, collision avoidance is disabled.(1)
Default: 0x3.
bit 2-0
CSMABF[2:0]: CSMA Backoff bits (macMaxCSMABackoff)
The maximum number of backoffs the CSMA-CA algorithm will attempt before declaring a channel
access failure.(1)
111 = Undefined
110 = Undefined
101 = 5
100 = 4 (default)
011 = 3
010 = 2
001 = 1
000 = 0
Note 1: Refer to IEEE 802.15.4™-2003 Standard, Table 71 – MAC PIB attributes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com