Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1618 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F1618
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1618 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F1618 Datasheet HTML 1Page - Microchip Technology PIC16F1618 Datasheet HTML 2Page - Microchip Technology PIC16F1618 Datasheet HTML 3Page - Microchip Technology PIC16F1618 Datasheet HTML 4Page - Microchip Technology PIC16F1618 Datasheet HTML 5Page - Microchip Technology PIC16F1618 Datasheet HTML 6Page - Microchip Technology PIC16F1618 Datasheet HTML 7Page - Microchip Technology PIC16F1618 Datasheet HTML 8Page - Microchip Technology PIC16F1618 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 1
PIC16F1614/8
Description
PIC16(L)F1614/8 microcontrollers deliver on-chip features that are unique to the design for embedded control of small
motors and general purpose applications in 14/20-pin count packages. Features like 10-bit A/D, CCP, 24-bit SMT and
Zero-Cross Detection offer an excellent solution to the variety of applications. The product family also has a CRC+
memory scan and Windowed Watchdog Timer to support safety-critical systems in home appliances, white goods and
other end equipment.
Core Features
• C Compiler Optimized RISC Architecture
• Only 49 Instructions
• Operating Speed:
- DC – 32 MHz clock input
- 125 ns minimum instruction cycle
• Interrupt Capability
• 16-Level Deep Hardware Stack
• One 8-Bit Timer
• Four 16-bit Timers
• Low Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRT)
• Brown-out Reset (BOR) with Selectable Trip Point
• Windowed Watchdog Timer (WWDT):
- Variable prescaler selection
- Variable window size selection
- All sources configurable in hardware or
software
Memory
• 4 KW Flash Program Memory
• 512 Bytes Data SRAM
• Direct, Indirect and Relative Addressing modes
• High-Endurance Flash Data Memory (HEF):
- 128 B of nonvolatile data storage
Operating Characteristics
• Operating Voltage Range:
- 2.5V to 5.5V (PIC16LF1614/8)
• Temperature Range:
- High Temp: -40°C to 150°C
Digital Peripherals
• Configurable Logic Cell (CLC):
- Two CLCs
- Integrated combinational and sequential logic
• Complementary Waveform Generator (CWG):
- Rising and falling edge dead-band control
- Full-bridge, half-bridge, 1-channel drive
- Multiple signal sources
• Two Capture/Compare/PWM (CCP) modules
• Two 10-bit Pulse-Width Modulators (PWM)
• Two Signal Measurement Timers (SMT):
- 24-bit timer/counter with prescaler
- Multiple gate and clock inputs
• Angular Timer:
- Single pulse
- Multiple pulses with missing pulse recovery
• 8-Bit Timers (TMR2+HLT/4/6):
- Up to 3 Timer2/4/6 with Hardware Limit Timer
(HLT)
- Monitors Fault Conditions: Stall, Stop, etc.
- Multiple modes
- 8-bit timer/counter with prescaler
- 8-bit period register and postscaler
- Asynchronous H/W Reset sources
• Math Accelerator with Proportional-Integral-
Derivative (PID):
- Four operation modes
- Add and multiply
- Simple multiplier
- Multiply and Accumulate
- Programmable PID controller
• Cyclic Redundancy Check with Memory Scan
(CRC/SCAN):
- Software configurable
• Serial Communications:
- Enhanced USART (EUSART)
- SPI, I2C, RS-232, RS-485, LIN compatible
- Auto-Baud Detect, Auto-Wake-up on start
• Up to 17 I/O Pins and One Input-only Pin:
- Individually programmable pull-ups
- Slew rate control
- Interrupt-on-change with edge-select
- Two High Current Drive pins
• Peripheral Pin Select (PPS):
- Enables pin mapping of digital I/O
Full-Featured, Low Pin Count, High-Temperature Microcontrollers


Similar Part No. - PIC16F1618

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1618 MICROCHIP-PIC16F1618 Datasheet
359Kb / 38P
HIGH-VOLTAGE ICSP PROGRAMMING
03/25/14
PIC16F1618-I/GZ MICROCHIP-PIC16F1618-I/GZ Datasheet
5Mb / 584P
14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
More results

Similar Description - PIC16F1618

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
logo
Microchip Technology
PIC16F18426 MICROCHIP-PIC16F18426 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18857 MICROCHIP-PIC16F18857 Datasheet
7Mb / 668P
Full-Featured 28/40/44-Pin Microcontrollers
02/28/20
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F19195 MICROCHIP-PIC16F19195 Datasheet
9Mb / 731P
Full-Featured 64-Pin Microcontrollers
05/14/19
PIC16F15325 MICROCHIP-PIC16F15325 Datasheet
6Mb / 558P
Full-Featured 14/16/20-Pin Microcontrollers
08/15/18
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
PIC16F18424 MICROCHIP-PIC16F18424 Datasheet
10Mb / 707P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18425 MICROCHIP-PIC16F18425 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com