Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1618-I/P Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F1618-I/P
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1618-I/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F1618-I/P Datasheet HTML 11Page - Microchip Technology PIC16F1618-I/P Datasheet HTML 12Page - Microchip Technology PIC16F1618-I/P Datasheet HTML 13Page - Microchip Technology PIC16F1618-I/P Datasheet HTML 14Page - Microchip Technology PIC16F1618-I/P Datasheet HTML 15Page - Microchip Technology PIC16F1618-I/P Datasheet HTML 16Page - Microchip Technology PIC16F1618-I/P Datasheet HTML 17Page - Microchip Technology PIC16F1618-I/P Datasheet HTML 18Page - Microchip Technology PIC16F1618-I/P Datasheet HTML 19Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 17
PIC16F1614/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16F1614,
PIC16F1618
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I= -40
C to +85C
(Industrial)
E= -40
C to +125C
(Extended)
Package:(2)
ML
=
QFN (16-Lead and 20-Lead)
P
=
Plastic DIP
SL
=
SOIC (14-Lead)
ST
=
TSSOP
GZ
=
UQFN (20-Lead)
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16F1614T - I/SL
Tape and Reel,
Industrial temperature,
SOIC package
b)
PIC16F1618 - I/P
Industrial temperature
PDIP package
c)
PIC16F1618 - E/ML 298
Extended temperature,
QFN package
QTP pattern #298
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
2:
For other small form-factor package
availability and marking information, please
visit www.microchip.com/packaging or
contact your local sales office.
[X](1)
Tape and Reel
Option
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com