Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1121340C Datasheet(PDF) 1 Page - Lapp.

Part # 1121340C
Description  EPIC® MC 2.5 MACHINED CONTACTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1121340C Datasheet(HTML) 1 Page - Lapp.

  1121340C Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1121300C
DATA SHEET
Valid from:
17.09.2018
EPIC® MC 2.5 MACHINED CONTACTS
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB1121300CEN
Version: 01
Page 1 of 1
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
For inserts and modules of the EPIC® rectangular connectors
Remark
Photographs are not to scale and do not represent detailed images of the respective products.
Article-
Number
Article
Version
Conductor
cross-section
(mm²)
Cross-section
ratio
Surface Stripping
length (mm)
Contacts
1121300C MC 2.5 machined
male
0,5
Ag
7,8
1121800C MC 2.5 machined female
0,5
Ag
7,8
1121310C MC 2.5 machined
male
1,00
1
Ag
7,8
1121810C MC 2.5 machined
female
1,00
1
Ag
7,8
1121320C MC 2.5 machined
male
1,5
2
Ag
7,8
1121820C MC 2.5 machined
female
1,5
2
Ag
7,8
1121330C MC 2.5 machined
male
2,5
3
Ag
7,8
1121830C MC 2.5 machined
female
2,5
3
Ag
7,8
1121340C MC 2.5 machined female
4,00
Ag
7,8
1121840C MC 2.5 machined male
4,00
Ag
7,8


Similar Part No. - 1121340C

ManufacturerPart #DatasheetDescription
logo
ITT Industries
112134-0000 ITT-112134-0000 Datasheet
3Mb / 76P
DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
112134-0001 ITT-112134-0001 Datasheet
3Mb / 76P
DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
112134-0002 ITT-112134-0002 Datasheet
3Mb / 76P
DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
More results

Similar Description - 1121340C

ManufacturerPart #DatasheetDescription
logo
Lapp.
11147000 LAPP-11147000 Datasheet
269Kb / 2P
EPIC® TOOLS FOR CONTACTS
17.09.2018
11190000 LAPP-11190000 Datasheet
96Kb / 1P
EPIC® H-BE 2.5 CONTACTS MACHINED
16.11.2018
11201000 LAPP-11201000 Datasheet
86Kb / 1P
EPIC® MC 2.5 STAMPED CONTACTS
17.09.2018
11272000 LAPP-11272000 Datasheet
173Kb / 2P
EPIC® H-D 64 SCM / H-D 64 BCM machined
17.09.2018
13162000 LAPP-13162000 Datasheet
99Kb / 1P
EPIC® H-D 1.6 Machined Contacts
17.09.2018
44420260 LAPP-44420260 Datasheet
203Kb / 2P
EPIC® POWERLOCK CRIMP CONTACTS
12.05.2021
44424004 LAPP-44424004 Datasheet
149Kb / 2P
EPIC® MC MODUL PNEUMATIC 1pole
17.09.2018
44424008 LAPP-44424008 Datasheet
153Kb / 2P
EPIC® MC MODUL PNEUMATIC 2pole
17.09.2018
44424014 LAPP-44424014 Datasheet
145Kb / 2P
EPIC® MODULAR 3.6 MACHINED CONTACTS 16mm2
17.09.2018
44429318 LAPP-44429318 Datasheet
85Kb / 1P
EPIC® LS1.5 FEMALE CONTACTS BCEM
17.09.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com