Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2170888 Datasheet(PDF) 1 Page - Lapp.

Part # 2170888
Description  ETHERLINE® TORSION P CAT.5a
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

2170888 Datasheet(HTML) 1 Page - Lapp.

  2170888 Datasheet HTML 1Page - Lapp. 2170888 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2170888
DATA SHEET
valid from:
01.01.2019
.
Creator:
TOST / PDC
Released:
ALTE / PDC
Document: DB2170888EN
Version:
04
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Application
ETHERLINE TORSION Cat. 5 is a CATEGORY 5 high speed data cable for industrial applications with torsional stress. The high quality
screening ensures high transmission reliability in areas with a high load of electromagnetic capacity. The cable is flame retardant and
halogen free.
Design
Certification
UL AWM Style 21161 (80 °C)
Conductor
fine-stranded tinned copper wires,
ca. 0.75 mm conductor ∅
Insulation
Foam-Skin PE,
approx. 1.5 mm outer Ø
Core identification code
white, yellow, blue, orange
Stranding
star quad (optional with central filler) with non-woven tape
Screen
braiding of tinned copper wires,
coverage ca. 85 %
on top: non-woven tape wrapping
Outer sheath
PUR compound,
Colour green,
outer ∅: ca. 6.5 mm
dl safjl öjf
Electrical properties at 20°C
Loop resistance
max. 120 Ω/km
Insulation resistance
min. 500 MΩ xkm
Characteristic impedance
100 Ω ±15 Ω
(1MHz up to 100 MHz)
Signal transit time
<5,3 ns/m
Peak operating voltage
125 V
Test voltage
conductor/conductor
700 V
conductor/screen
700 V
.


Similar Part No. - 2170888

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170886 LAPP-2170886 Datasheet
243Kb / 2P
ETHERLINE® PN Cat.5 Y FLEX FC 2x2x22/7 AWG
16.11.2020
2170889 LAPP-2170889 Datasheet
244Kb / 2P
ETHERLINE® MARINE FRNC FC CAT.5 2x2x22/7 AWG
05.07.2021
More results

Similar Description - 2170888

ManufacturerPart #DatasheetDescription
logo
Lapp.
2170481 LAPP-2170481 Datasheet
308Kb / 2P
ETHERLINE® TORSION Cat. 7
01.01.2019
2170482 LAPP-2170482 Datasheet
277Kb / 2P
ETHERLINE® TORSION Y CAT6A 4x2xAWG24/7
01.01.2019
2170484 LAPP-2170484 Datasheet
269Kb / 2P
ETHERLINE® FD P CAT.6A 4x2xAWG24/7
01.01.2019
2170488 LAPP-2170488 Datasheet
222Kb / 2P
ETHERLINE® FD P CAT.6 4x2x26/19AWG
23.03.2020
2170280 LAPP-2170280 Datasheet
259Kb / 2P
ETHERLINE® H Cat.5¢ 2x2xAWG24
01.01.2019
2170636 LAPP-2170636 Datasheet
264Kb / 2P
ETHERLINE® Cat.5e 105 plus
22.05.2018
2170894 LAPP-2170894 Datasheet
240Kb / 2P
ETHERLINE® FD P FC Cat. 5 2x2x22/7 AWG
13.11.2020
2170930 LAPP-2170930 Datasheet
274Kb / 2P
ETHERLINE® PN Cat.6A Y FLEX
01.01.2019
2170936 LAPP-2170936 Datasheet
273Kb / 2P
ETHERLINE® FESTOON PN Cat.5e
01.01.2019
UDB2170450 LAPP-UDB2170450 Datasheet
108Kb / 2P
ETHERLINE® TRAY CAT. 5e
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com