Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA4N100 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGA4N100
Description  ADVANCED TECHNICAL INFORMATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA4N100 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGA4N100 Datasheet HTML 1Page - IXYS Corporation IXGA4N100 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592 4,881,106
5,017,508
5,049,961 5,187,117 5,486,715
4,850,072 4,931,844
5,034,796
5,063,307 5,237,481 5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
TO-263 AA Outline
1. Gate
2. Collector
3. Emitter
4. Collector
BottomSide
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78.050
.070
L4
0
0.380
.015
R
0.46
0.74
.018.029
Pins: 1 - Gate
2 - Collector
3 - Emitter
4 - Collector
Bottom Side
TO-220 AB Dimensions
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
g
fs
I
C
= I
C90; VCE = 10 V,
2.5
4
S
Pulse test, t £ 300 ms, duty cycle £ 2 %
C
ies
343
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
21
pF
C
res
5pF
I
C(ON)
V
GE = 10V, VCE = 10V
21
A
Q
g
13.6
nC
Q
ge
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
2.5
nC
Q
gc
6.5
nC
t
d(on)
20
ns
t
ri
25
ns
t
d(off)
390
800
ns
t
fi
340
700
ns
E
off
0.9
2.0
mJ
t
d(on)
20
ns
t
ri
25
ns
E
on
0.16
mJ
t
d(off)
700
ns
t
fi
520
ns
E
off
2.0
mJ
R
thJC
3.1
K/W
R
thCK
TO-220
0.5
K/W
Inductive load, T
J = 25°C
I
C
= I
C90, VGE = 15 V
V
CE = 800 V, RG = Roff = 120 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 VCES,
higher T
J or increased RG
Inductive load, T
J = 125°C
I
C
= I
C90, VGE = 15 V
V
CE = 800 V, RG = Roff = 120 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 VCES,
higher T
J or increased RG
IXGA 4N100
IXGP 4N100
Min.RecommendedFootprint
(Dimensions in inches and mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com